Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1560G Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR1560G
Description  ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1560G Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR1560G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUR1510, MUR1515, MUR1520, MUR1540, MUR1560
http://www.kersemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MUR
Unit
1510
1515
1520
1540
1560
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
200
400
600
V
Average Rectified Forward Current (Rated VR)
IF(AV)
15 @ TC = 150°C
15 @ TC = 145°C
A
Peak Rectified Forward Current (Rated VR, Square Wave, 20 kHz)
IFRM
30 @ TC = 150°C
30 @ TC = 145°C
A
Nonrepetitive Peak Surge Current (Surge applied at rated load
conditions halfwave, single phase, 60 Hz)
IFSM
200
150
A
Operating Junction Temperature and Storage Temperature Range
TJ, Tstg
−65 to +175
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance, Junction−to−Case
RqJC
1.5
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
1520
1540
1560
Unit
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 15 A, TC = 150°C)
(iF = 15 A, TC = 25°C)
vF
0.85
1.05
1.12
1.25
1.20
1.50
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated DC Voltage, TC = 150°C)
(Rated DC Voltage, TC = 25°C)
iR
500
10
500
10
1000
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
trr
35
60
ns
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
logo
Inchange Semiconductor ...
MUR1560G ISC-MUR1560G Datasheet
362Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com