Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1560G Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MUR1560G
Description  ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1560G Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MUR1560G Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1560G Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
MUR1520/D
MUR1510, MUR1515,
MUR1520, MUR1540,
MUR1560
Preferred Devices
Power Rectifiers
These state−of−the−art devices are a series designed for use in
switching power supplies, inverters and as free wheeling diodes.
Features
Ultrafast 35 and 60 Nanosecond Recovery Time
175°C Operating Junction Temperature
Popular TO−220 Package
High Voltage Capability to 600 V
Low Forward Drop
Low Leakage Specified @ 150°C Case Temperature
Current Derating Specified @ Both Case and Ambient Temperatures
Pb−Free Packages are Available*
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 Grams (Approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Max. for
10 Seconds
ULTRAFAST RECTIFIERS
15 AMPERES, 100−600 VOLTS
1
3
4
http://www.kersemi.com
TO−220AC
CASE 221B
PLASTIC
4
3
1
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
U15xx
= Device Code
xx = 10, 15, 20, 40 or 60
KA
= Diode Polarity
AY
WWG
U15xx
KA


Similar Part No. - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1560G KERSEMI-MUR1560G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
logo
ON Semiconductor
MUR1560G ONSEMI-MUR1560G Datasheet
141Kb / 8P
   Switch-mode Power Rectifiers
February, 2014 ??Rev. 10
logo
Inchange Semiconductor ...
MUR1560G ISC-MUR1560G Datasheet
362Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - MUR1560G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MUR1540 KERSEMI-MUR1540 Datasheet
457Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com