Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1540 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # MUR1540
Description  ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1540 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  MUR1540 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MUR1510, MUR1515, MUR1520, MUR1540, MUR1560
http://www.kersemi.com
4
MUR1540
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.8
0.6
1.0
30
0.1
0.3
0.2
2.0
1.0
100
20
7.0
3.0
0.5
5.0
50
VR, REVERSE VOLTAGE (VOLTS)
0
150
100
250 300
0.1
0.05
0.02
10
5
2
50
20
100
TJ = 150°C
50
200
500
Figure 7. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
TC, CASE TEMPERATURE (°C)
140
150
0
4.0
2.0
6.0
10
8.0
14
12
180
Figure 8. Current Derating, Case
Figure 9. Current Derating, Ambient
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 10. Power Dissipation
0.7
10
70
1.2
1.6
1.4
100°C
TJ = 150°C
25°C
400 450
350
1
0.5
0.2
100°C
25°C
160
170
16
Rated Voltage Applied
Square Wave
dc
0.4
0.01
020
2.0
4.0
0
6.0
8.0
10
12
14
40
60
100 120 140 160
200
0
4.0
2.0
4.0
6.0
8.0
0
8.0
12
16
Square Wave
dc
TJ = 125°C
2.0
6.0
10
14
10
12
14
16
RqJA =
IPK
IAV
dc
Square Wave
20
10
(Capacitive Load)
=5.0
80
180
Square Wave
dc
As Obtained in Free Air, No Heat Sink
RqJA = 60°C/W
16°C/W As Obtained
From A Small TO-220
Heat Sink
IPK
IAV
(Resistive Load)
= π


Similar Part No. - MUR1540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1540 MOTOROLA-MUR1540 Datasheet
143Kb / 6P
   ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR1540 DIGITRON-MUR1540 Datasheet
459Kb / 5P
   15A SCHOTTKY RECTIFIER
logo
ON Semiconductor
MUR1540 ONSEMI-MUR1540 Datasheet
98Kb / 8P
   SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
New Jersey Semi-Conduct...
MUR1540 NJSEMI-MUR1540 Datasheet
71Kb / 2P
   Ultrafast Recovery Rectifier
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
   15A, 400V - 600V Ultrafast Diodes
More results

Similar Description - MUR1540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
   ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
   ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
   ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com