Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR1540 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MUR1540
Description  ULTRAFAST RECTIFIERS 15 AMPERES 100??00 VOLTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR1540 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MUR1540 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR1540 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
MUR1520/D
MUR1510, MUR1515,
MUR1520, MUR1540,
MUR1560
Preferred Devices
Power Rectifiers
. . . designed for use in switching power supplies, inverters and as
free wheeling diodes, these state–of–the–art devices have the
following features:
Ultrafast 35 and 60 Nanosecond Recovery Time
175°C Operating Junction Temperature
Popular TO–220 Package
High Voltage Capability to 600 Volts
Low Forward Drop
Low Leakage Specified @ 150°C Case Temperature
Current Derating Specified @ Both Case and Ambient Temperatures
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 1.9 grams (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes: 260°C Max. for
10 Seconds
Shipped 50 units per plastic tube
Marking: U1510, U1515, U1520, U1540, U1560
MAXIMUM RATINGS
Device
Package
Shipping
ORDERING INFORMATION
http://www.kersemi.com
TO–220AC
CASE 221B
PLASTIC
3
4
1
ULTRAFAST
RECTIFIERS
15 AMPERES
100–600 VOLTS
MARKING DIAGRAM
U15xx
U15xx = Device Code
xx
= 10, 15, 20,
= 40 or 60
1
3
4
Preferred devices are recommended choices for future use
and best overall value.
MUR1510
TO–220
50 Units/Rail
MUR1515
TO–220
50 Units/Rail
MUR1520
TO–220
50 Units/Rail
MUR1540
TO–220
50 Units/Rail
MUR1560
TO–220
50 Units/Rail


Similar Part No. - MUR1540

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1540 MOTOROLA-MUR1540 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR1540 DIGITRON-MUR1540 Datasheet
459Kb / 5P
15A SCHOTTKY RECTIFIER
logo
ON Semiconductor
MUR1540 ONSEMI-MUR1540 Datasheet
98Kb / 8P
SWITCHMODE Power Rectifiers
October, 2000 ??Rev. 2
logo
New Jersey Semi-Conduct...
MUR1540 NJSEMI-MUR1540 Datasheet
71Kb / 2P
Ultrafast Recovery Rectifier
logo
Fairchild Semiconductor
MUR1540 FAIRCHILD-MUR1540 Datasheet
62Kb / 4P
15A, 400V - 600V Ultrafast Diodes
More results

Similar Description - MUR1540

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR1520 ONSEMI-MUR1520_06 Datasheet
74Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 4
MURF1560G ONSEMI-MURF1560G Datasheet
196Kb / 8P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
January, 2012 ??Rev. 8
logo
Kersemi Electronic Co.,...
MUR1520G KERSEMI-MUR1520G Datasheet
432Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1560G KERSEMI-MUR1560G Datasheet
431Kb / 7P
ULTRAFAST RECTIFIERS 15 AMPERES, 100??00 VOLTS
MUR1610CT KERSEMI-MUR1610CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1620CT KERSEMI-MUR1620CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
MUR1660CT KERSEMI-MUR1660CT Datasheet
467Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES 100??00 VOLTS
logo
ON Semiconductor
MUR1620CT ONSEMI-MUR1620CT_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 100??00 VOLTS
February, 2006 ??Rev. 5
MUR820 ONSEMI-MUR820_06 Datasheet
80Kb / 7P
ULTRAFAST RECTIFIERS 8.0 AMPERES, 50??00 VOLTS
July, 2006 ??Rev. 7
logo
Kersemi Electronic Co.,...
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com