Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186ES Datasheet(PDF) 98 Page - InnovASIC, Inc

Part # IA186ES
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186ES Datasheet(HTML) 98 Page - InnovASIC, Inc

Back Button IA186ES_11 Datasheet HTML 94Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 95Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 96Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 97Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 98Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 99Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 100Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 101Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 102Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 98 of 154
1-888-824-4184
®
Bits [15–4]—Reserved. Set to 0.
Bit [3]—MSK Mask → Any of the interrupt sources may cause an interrupt if the MSK
bit is 0. The interrupt sources cannot cause an interrupt if the MSK bit is 1. The Interrupt
Mask Register has a duplicate of this bit.
Bit [2–0]—PR [2–0] Priority → These bits define the priority of the serial port interrupts
in relation to other interrupt signals. The interrupt priority is the lowest at 7 upon reset.
The values of PR2–PR0 are shown above.
5.1.40 DMA1CON/INT6CON (036h) and DMA0CON/INT5CON (034h) (Master Mode)
DMA and INTerrupt CONtrol Register. The DMA0 and DMA1 interrupts have interrupt type
0ah and 0bh, respectively. These pins are configured as external interrupts or DMA requests in
the respective DMA Control register. The value of these registers is 000Fh at reset (see
Table 61).
Table 61. DMA and Interrupt Control Register (Master Mode)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MSK
PR2
–PR0
Bits [15–4]—Reserved. Set to 0.
Bit [3]—MSK Mask → Any of the interrupt sources may cause an interrupt if the MSK
bit is 0. The interrupt sources cannot cause an interrupt if the MSK bit is 1. The Interrupt
Mask Register has a duplicate of this bit.
Bits [2–0]—PR [2–0] Priority → These bits define the priority of the serial port interrupts
in relation to other interrupt signals. The interrupt priority is the lowest at 7 upon reset.
The values of PR2–PR0 are shown above.
5.1.41 DMA1CON/INT6 (036h) and DMA0CON/INT5 (034h) (Slave Mode)
DMA and INTerrupt CONtrol Register. The two DMA control registers maintain their original
functions and addressing that they possessed in Master Mode. These pins are configured as
external interrupts or DMA requests in the respective DMA Control register. The value of these
registers is 000Fh at reset (see Table 62).
Table 62. DMA and Interrupt Control Register (Slave Mode)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
MSK
PR2
–PR0


Similar Part No. - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES-PQF100I INNOVASIC-IA186ES-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186ES-TQF100I INNOVASIC-IA186ES-TQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com