Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186ES Datasheet(PDF) 91 Page - InnovASIC, Inc

Part # IA186ES
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186ES Datasheet(HTML) 91 Page - InnovASIC, Inc

Back Button IA186ES_11 Datasheet HTML 87Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 88Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 89Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 90Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 91Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 92Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 93Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 94Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 95Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 91 of 154
1-888-824-4184
®
Bits [15–0]—PMODE [31–16] PIO Mode 1 Bits → For each bit, if the value is 1, the pin
is configured as an input. If 0, an output. The values of these bits correspond to those in
the PIO data registers and PIO Mode registers.
5.1.30 T1CON (05eh) and T0CON (056h)
Timer0 and Timer1 Mode and CONtrol Registers. These registers control the operation of
Timer0 and Timer1, respectively. The value of the T0CON and T1CON registers is 0000h at
reset (see Table 51).
Table 51. Timer0 and Timer1 Mode and Control Registers
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EN
INHn
INT
RIU
0
0
0
0
0
0
MC
RTG
P
EXT
ALT
CONT
Bit [15]—EN Enable Bit → The timer is enabled when the EN bit is 1. The timer count
is inhibited when the EN bit is 0. Setting this bit to 1 by writing to the T2CON register
requires that the INHn bit be set to 1 during the same write. This bit is write-only and
can only be written if the INHn bit (Bit [14]) is set to 1 in the same operation.
Bit [14]—INHn Inhibit Bit → Gates the setting of the enable (EN) bit. This bit must be
set to 1 in the same write operation that sets the enable (EN) bit. This bit always reads
as 0.
Bit [13]—INT Interrupt Bit → An interrupt request is generated when the Count register
reaches its maximum, MC = 1, by setting the INT bit to 1. In dual maxcount mode, an
interrupt request is generated when the count register reaches the value in maxcount A or
maxcount B. No interrupt requests are generated if this bit is set to 0. If an interrupt
request is generated and then the enable bit is cleared before said interrupt is serviced, the
interrupt request will remain.
Bit [12]—RIU Register in Use Bit → This bit is set to 1 when the maxcount register B is
used to compare to the timer count value. It is set to 0 when the maxcount compare A
register is used.
Bits [11–6]—Reserved. Set to 0.
Bit [5]—MC Maximum Count → When the timer reaches its maximum count, this bit is
set to 1 regardless of the interrupt enable bit. This bit is also set every time maxcount
compare register A or B is reached when in dual maxcount mode. This bit may be used
by software polling to monitor timer status rather than through interrupts, if desired.
Bit [4]—RTG Retrigger Bit.


Similar Part No. - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES-PQF100I INNOVASIC-IA186ES-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186ES-TQF100I INNOVASIC-IA186ES-TQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com