Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186ES Datasheet(PDF) 74 Page - InnovASIC, Inc

Part # IA186ES
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186ES Datasheet(HTML) 74 Page - InnovASIC, Inc

Back Button IA186ES_11 Datasheet HTML 70Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 71Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 72Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 73Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 74Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 75Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 76Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 77Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 78Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 74 of 154
1-888-824-4184
®
Table 32. MCS and PCS Auxiliary Register
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
1
M6
–M0
EX
MS
1
1
1
R2
R1
–R0
Bit [15]—Reserved → Set to 1.
Bits [14–8]—M [6–0] mcs_n Block Size → These seven bits determine the total memory
block size for the mcs3_n–mcs0_n chip selects. The size is divided equally among them.
The relationship between M [6–0] and the size is shown below.
Select Sizes of M6
–M0 by Total Block Size
Total Block
Size
Individual
Select Size
M6
–M0
8K
2K
0000001b
16K
4K
0000010b
32K
8K
0000100b
64K
16K
0001000b
128K
32K
0010000b
256K
64K
0100000b
512K
128K
1000000b
Bit [7]—EX Pin Selector → This bit determines whether the pcs6_n–pcs5_n pins are
configured as chip selects or as alternate outputs for a2 and a1. When set to 1,
they are configured as peripheral chip select pins. When 0, they become address bits a1
and a2, respectively.
Bit [6]—MS → Memory/ I/O Space Selector determines whether the pcs_n pins are
active during either memory or I/O bus cycles. When set to 1, the outputs are active for
memory bus cycles. When 0, they are active for I/O bus cycles.
Bits [5–3]—Reserved → Set to 1.
Bit [2]—R2 Ready Mode → This bit influences only the pcs6_n–pcs5_n chip selects.
When set to 1, external ready is ignored. When 0, it is required. Values determine the
number of wait states to be inserted.
Bits [1–0]—R [1–0] Wait-State Value → These bits influence only the pcs6_n–pcs5_n
chip selects. Their value determines the number of wait states inserted into an access,
depending on whether it is to the pcs_n memory or I/O area. Up to three wait states can
be inserted (R1–R0 = 00b to 11b).


Similar Part No. - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES-PQF100I INNOVASIC-IA186ES-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186ES-TQF100I INNOVASIC-IA186ES-TQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com