Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186ES Datasheet(PDF) 63 Page - InnovASIC, Inc

Part # IA186ES
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186ES Datasheet(HTML) 63 Page - InnovASIC, Inc

Back Button IA186ES_11 Datasheet HTML 59Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 60Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 61Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 62Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 63Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 64Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 65Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 66Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 67Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 63 of 154
1-888-824-4184
®
Table 16. Peripheral Control Registers
Register Name
Offset
Register Name
Offset
Peripheral Control Block Registers
Timer Registers
PCB Relocation Register
FEh
Timer2 Mode and Control Register
66h
Reset Configuration Register
F6h
Timer2 Max Count Compare A Register
62h
Processor Release Level Register
F4h
Timer2 Count Register
60h
Auxiliary Configuration Register
F2h
Timer1 Mode and Control Register
5Eh
System Configuration Register
F0h
Timer1 Max Count Compare B Register
5Ch
Watchdog Timer Control Register
E6h
Timer1 Max Count Compare A Register
5Ah
Enable RCU Register
E4h
Timer1 Count Register
58h
Clock Prescaler Register
E2h
Timer0 Mode and Control Register
56h
Memory Partition Register
E0h
Timer0 Max Count Compare B Register
54h
DMA Registers
Timer0 Max Count Compare A Register
52h
DMA1 Control Register
DAh
Timer0 Count Register
50h
DMA1 Transfer Count Register
D8h
Interrupt Registers
DMA1 Destination Address High Register
D6h
Serial Port 0 Interrupt Control Register
44h
DMA1 Destination Address Low Register
D4h
Serial Port 1 Interrupt Control Register
42h
DMA1 Source Address High Register
D2h
INT4 Interrupt Control Register
40h
DMA1 Source Address Low Register
D1h
INT3 Interrupt Control Register
3Eh
DMA0 Control Register
CAh
INT2 Interrupt Control Register
3Ch
DMA0 Transfer Count Register
C8h
INT1 Interrupt Control Register
3Ah
DMA0 Destination Address High Register
C6h
INT0 Interrupt Control Register
38h
DMA0 Destination Address Low Register
C4h
DMA1/INT6 Interrupt Control Register
36h
DMA0 Source Address High Register
C2h
DMA0/INT5 Interrupt Control Register
34h
DMA0 Source Address Low Register
C0h
Timer Interrupt Control Register
32h
Chip-Select Registers
Interrupt Status Register
30h
pcs_n and mcs_n Auxiliary Register
A8h
Interrupt Request Register
2Eh
Mid-Range Memory Chip-Select Register
A6h
Interrupt In-Service Register
2Ch
Peripheral Chip-Select Register
A4h
Interrupt Priority Mask Register
2Ah
Low-Memory Chip-Select Register
A2h
Interrupt Mask Register
28h
Upper-Memory Chip-Select Register
A0h
Interrupt Poll Status Register
26h
Serial Port 0 Registers
Interrupt Poll Register
24h
Serial Port 0 Baud Rate Divisor Register
88h
End-of-Interrupt (EOI) Register
22h
Serial Port 0 Receive Register
86h
Interrupt Vector Register
20h
Serial Port 0 Transmit Register
84h
Serial Port 1 Registers
Serial Port 0 Status Register
82h
Serial Port 1 Baud Rate Divisor Register
18h
Serial Port 0 Control Register
80h
Serial Port 1 Receive Register
16h
PIO Registers
Serial Port 1 Transmit Register
14h
PIO Data 1 Register
7Ah
Serial Port 1 Status Register
12h
PIO Direction Register
78h
Serial Port 1 Control Register
10h
PIO Mode 1 Register
76h
PIO Data 0 Register
74h
PIO Direction 0 Register
72h
PIO Mode 0 Register
70h


Similar Part No. - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES-PQF100I INNOVASIC-IA186ES-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186ES-TQF100I INNOVASIC-IA186ES-TQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com