Electronic Components Datasheet Search |
|
IA186ES Datasheet(PDF) 60 Page - InnovASIC, Inc |
|
IA186ES Datasheet(HTML) 60 Page - InnovASIC, Inc |
60 / 154 page IA186ES/IA188ES Data Sheet 8-Bit/16-Bit Microcontrollers November 15, 2011 IA211050902-19 http://www.innovasic.com UNCONTROLLED WHEN PRINTED OR COPIED Customer Support: Page 60 of 154 1-888-824-4184 ® The current count of timer1 for INT2 and timer0 for INT4 should be inspected by the ISR to determine the pulse width. The timer count register should then be reset by the ISR in readiness for the next pulse. The timer count rate (one-fourth of the processor clock rate) determines the maximum resolution of the timers. To avoid the delay in servicing a timer interrupt in cases where the pulse width is short, the INT2 and INT4 request bits in the Interrupt Request register may be polled. In cases where the pulse width is greater than the maximum count of the timer, detection is achieved either by monitoring the Maximum Count (MC) bit of the respective timer or by enabling the timer interrupt requests by setting the INT bit in the respective Timer Mode and Control Register. 4.25 Asynchronous Serial Ports There are two independent asynchronous serial ports that employ standard industry communication protocols in their implementation of full duplex, bi-directional data transfers. Functioning independently, either port may be the source or destination of DMA transfers. The following features are supported: Full-duplex data transfers 7-, 8-, or 9-bit data transfers Odd, even, or no parity One or two stop bits Break characters of two lengths Error detection provided by parity, framing, or overrun errors Hardware handshaking achieved with the following selectable control signals: – Clear to send (cts_n) – Enable receiver request (enrx_n) – Ready to send (rts_n) – Ready to receive (rtr_n) DMA to and from the ports Each port has its own maskable interrupts 9-bit multidrop protocol Each port has an independent baud-rate generator Maximum baud rate is 1/16 of the processor clock Transmit and receive lines are double buffered 4.26 Programmable I/O Thirty-two pins are programmable as I/O signals (PIO). Table 15 presents them in both numeric and alphabetic order. Because programming a pin as a PIO disables its normal function, it should be done only if the normal function is not required. A PIO pin can be programmed as an |
Similar Part No. - IA186ES_11 |
|
Similar Description - IA186ES_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |