Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA186ES Datasheet(PDF) 50 Page - InnovASIC, Inc

Part # IA186ES
Description  8-Bit/16-Bit Microcontrollers
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA186ES Datasheet(HTML) 50 Page - InnovASIC, Inc

Back Button IA186ES_11 Datasheet HTML 46Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 47Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 48Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 49Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 50Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 51Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 52Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 53Page - InnovASIC, Inc IA186ES_11 Datasheet HTML 54Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 154 page
background image
IA186ES/IA188ES
Data Sheet
8-Bit/16-Bit Microcontrollers
November 15, 2011
IA211050902-19
http://www.innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 50 of 154
1-888-824-4184
®
4.4
Power-Save Mode
The operation of the CPU and peripheral operate at a slower clock frequency when in power save
mode, reducing power consumption and thermal dissipation. Should an interrupt occur, the
microcontroller returns to its normal operating frequency automatically on the internal clock’s
next rising edge in t3. Any clock-dependent devices should be reprogrammed for the change in
frequency during the power-save mode period.
4.5
Initialization and Reset
The res_n (Reset), the highest priority interrupt, must be held low for 1 mS during power-up to
initialize the microcontroller correctly. This operation makes the device cease all instruction
execution and local bus activity. The microcontoller begins instruction execution at physical
address FFFF0h when res_n becomes inactive and after an internal processing interval with
ucs_n is asserted and three wait states. Reset also sets up certain registers to predetermined
values and resets the WDT.
4.6
Reset Configuration Register
The data on the address/data bus (ad15–ad0 for the IA186ES and ao15–ao8 and ad7–ad0 for the
IA188ES) are written into the Reset Configuration Register when reset is low. This data is
system-dependent and is held in the Reset Configuration Register after reset is de-asserted. This
configuration data may be placed on the address/data bus by using weak external pull-up and
pull-down resistors or applied to the bus by an external driver, as the processor does not drive the
bus during reset. It is a method of supplying the software with some initial data after a reset
(e.g., option jumper positions).
4.7
Chip Selects
Chip-select generation is programmable for memories and peripherals. Programming is also
available to produce ready and wait-state generation plus latched address bits a1 and a2. For all
memory and I/O cycles, the chip-select lines are active within their programmed areas,
regardless of whether they are generated by the internal DMA unit or the CPU.
There are six chip-select outputs for memory and a further six for peripherals whether in memory
or I/O space. The memory chip-selects are able to address three memory ranges, whereas the
peripheral chip-selects are used to address 256-byte blocks that are offset from a programmable
base address. Writing to a chip-select register enables the related logic even in the event that the
pin in question has another function (e.g., where a pin is programmed to be a PIO).
4.8
Chip-Select Timing
For normal timing, the ucs_n and lcs_n outputs are asserted with the non-multiplexed address
bus.


Similar Part No. - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186ES-PQF100I INNOVASIC-IA186ES-PQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186ES-TQF100I INNOVASIC-IA186ES-TQF100I Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
More results

Similar Description - IA186ES_11

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com