Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C63657 Datasheet(PDF) 5 Page - Epson Company

Part # S1C63657
Description  CMOS 4-bit Single Chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C63657 Datasheet(HTML) 5 Page - Epson Company

  S1C63657 Datasheet HTML 1Page - Epson Company S1C63657 Datasheet HTML 2Page - Epson Company S1C63657 Datasheet HTML 3Page - Epson Company S1C63657 Datasheet HTML 4Page - Epson Company S1C63657 Datasheet HTML 5Page - Epson Company S1C63657 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S1C63657
EPSON
5
■ BASIC EXTERNAL CONNECTION DIAGRAM
X'tal
CGX
CR
CGC
CDC
RCR
C1–C8
CP
CRES
RA1, RA2
Crystal oscillator
Trimmer capacitor
Ceramic oscillator
Gate capacitor
Drain capacitor
Resistor for OSC3 CR oscillation
Capacitor
Capacitor
RESET terminal capacitor
Protective resistor
32.768 kHz, CI (Max.) = 34 k
Ω
5–25 pF
4 MHz (3.0 V)
30 pF
30 pF
30 k
Ω (2 MHz)
0.2
μF
3.3
μF
0.1
μF
100
Ω
Note: The above table is simply an example, and is not guaranteed to work.
CA
CB
CC
CD
RESET
VDDA
VDD
VD1
VD2
VOSC
OSC1
OSC2
OSC3
OSC4
TEST
VSSA
VSS
C1
C2
C3
C4
C5
CGX
CDC
CRES
CP
2.4 V
|
3.6 V
+
X'tal
CR
∗1
∗2
LCD panel
56
× 8
∗1: Ceramic oscillation
∗2: CR oscillation (external R)
CGC
S1C63657
[The potential of the substrate
(back of the chip) is VSS.]
K00–K03
K10–K13
P00–P03
P10–P13
R00
R01
R02 (TOUT)
R03 (FOUT)
R10–R13
Piezo
RA1
RA2
Input
I/O
Output
BZ
BZ


Similar Part No. - S1C63657

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
CMOS 4-bit Single Chip Microcontroller
S1C63654 EPSON-S1C63654 Datasheet
170Kb / 2P
4-bit Single Chip Microcomputer
S1C63656 EPSON-S1C63656 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
More results

Similar Description - S1C63657

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
CMOS 4-bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM5840 OKI-MSM5840 Datasheet
571Kb / 11P
CMOS 4-BIT SINGLE CHIP MICROCONTROLLER
logo
Epson Company
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C1840 SAMSUNG-S3C1840 Datasheet
331Kb / 91P
4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51840 SAMSUNG-KS51840 Datasheet
20Kb / 3P
4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51850 SAMSUNG-KS51850 Datasheet
639Kb / 106P
4-bit single-chip CMOS microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com