Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C63657 Datasheet(PDF) 2 Page - Epson Company

Part # S1C63657
Description  CMOS 4-bit Single Chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C63657 Datasheet(HTML) 2 Page - Epson Company

  S1C63657 Datasheet HTML 1Page - Epson Company S1C63657 Datasheet HTML 2Page - Epson Company S1C63657 Datasheet HTML 3Page - Epson Company S1C63657 Datasheet HTML 4Page - Epson Company S1C63657 Datasheet HTML 5Page - Epson Company S1C63657 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S1C63657
2
EPSON
■ BLOCK DIAGRAM
OSC1
OSC2
OSC3
OSC4
COM0~7
SEG0~55
VDD
VDDA
VC1~3
VD1~2
VOSC
CA~CD
VSS
VSSA
K00~K03
K10~K13
TEST
SEN0, SEN1, HUD
REF0, REF1
RFIN0, RFIN1
RFOUT
RESET
P00~P03
P10~P13
R00~R03
R10~R13
BZ
BZ
Core CPU S1C63000
ROM
8,192 words
× 13 bits
System Reset
Control
Interrupt
Generator
OSC
RAM
1,024 words
× 4 bits
Data ROM
2,048 words
× 4 bits
LCD Driver
56 SEG
× 8 COM
Power
Controller
Sound
Generator
Clock
Timer
Programmable
Timer/Counter
Input Port
R/F Converter
I/O Port
Output Port
■ PAD DIAGRAM
X
Y
(0, 0)
4.10 mm
1
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
123
Chip thickness: 400 μm
Pad opening:
85 μm


Similar Part No. - S1C63657

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
S1C63654 EPSON-S1C63654 Datasheet
170Kb / 2P
   4-bit Single Chip Microcomputer
S1C63656 EPSON-S1C63656 Datasheet
152Kb / 3P
   4-bit Single Chip Microcomputer
S1C63658 EPSON-S1C63658 Datasheet
152Kb / 3P
   4-bit Single Chip Microcomputer
More results

Similar Description - S1C63657

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C6F016 EPSON-S1C6F016 Datasheet
121Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
   CMOS 4-bit Single Chip Microcontroller
logo
OKI electronic componet...
MSM5840 OKI-MSM5840 Datasheet
571Kb / 11P
   CMOS 4-BIT SINGLE CHIP MICROCONTROLLER
logo
Epson Company
S1C63004 EPSON-S1C63004 Datasheet
104Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
S3C1840 SAMSUNG-S3C1840 Datasheet
331Kb / 91P
   4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63003 EPSON-S1C63003 Datasheet
169Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
S1C63016 EPSON-S1C63016 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51840 SAMSUNG-KS51840 Datasheet
20Kb / 3P
   4-bit single-chip CMOS microcontroller
logo
Epson Company
S1C63008 EPSON-S1C63008 Datasheet
119Kb / 2P
   CMOS 4-bit Single Chip Microcontroller
logo
Samsung semiconductor
KS51850 SAMSUNG-KS51850 Datasheet
639Kb / 106P
   4-bit single-chip CMOS microcontroller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com