Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP5589ACBZ-02-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5589ACBZ-02-R7
Description  Keypad Decoder and I/O Expansion
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-02-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5589ACBZ-02-R7 Datasheet HTML 34Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 35Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 36Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 37Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 38Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 39Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 40Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 41Page - Analog Devices ADP5589ACBZ-02-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 38 of 52
GPO_OUT_MODE_C Register 0x2F
Table 55. GPO_OUT_MODE_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPO_19_DIR
R/W
0 = push/pull.
1 = open drain.
1
GPO_18_DIR
R/W
0 = push/pull.
1 = open drain.
0
GPO_17_DIR
R/W
0 = push/pull.
1 = open drain.
GPIO_DIRECTION_A Register 0x30
Table 56. GPIO_DIRECTION_A Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_8_DIR
R/W
0 = GPIO 8 is an input.
1 = GPIO 8 is an output.
6
GPIO_7_DIR
R/W
0 = GPIO 7 is an input.
1 = GPIO 7 is an output.
5
GPIO_6_DIR
R/W
0 = GPIO 6 is an input.
1 = GPIO 6 is an output.
4
GPIO_5_DIR
R/W
0 = GPIO 5 is an input.
1 = GPIO 5 is an output.
3
GPIO_4_DIR
R/W
0 = GPIO 4 is an input.
1 = GPIO 4 is an output.
2
GPIO_3_DIR
R/W
0 = GPIO 3 is an input.
1 = GPIO 3 is an output.
1
GPIO_2_DIR
R/W
0 = GPIO 2 is an input.
1 = GPIO 2 is an output.
0
GPIO_1_DIR
R/W
0 = GPIO 1 is an input.
1 = GPIO 1 is an output.
GPIO_DIRECTION_B Register 0x31
Table 57. GPIO_DIRECTION_B Bit Descriptions
Bits
Name
R/W
Description
7
GPIO_16_DIR
R/W
0 = GPIO 16 is an input.
1 = GPIO 16 is an output.
6
GPIO_15_DIR
R/W
0 = GPIO 15 is an input.
1 = GPIO 15 is an output.
5
GPIO_14_DIR
R/W
0 = GPIO 14 is an input.
1 = GPIO 14 is an output.
4
GPIO_13_DIR
R/W
0 = GPIO 13 is an input.
1 = GPIO 13 is an output.
3
GPIO_12_DIR
R/W
0 = GPIO 12 is an input.
1 = GPIO 12 is an output.
2
GPIO_11_DIR
R/W
0 = GPIO 11 is an input.
1 = GPIO 11 is an output.
1
GPIO_10_DIR
R/W
0 = GPIO 10 is an input.
1 = GPIO 10 is an output.
0
GPIO_9_DIR
R/W
0 = GPIO 9 is an input.
1 = GPIO 9 is an output.


Similar Part No. - ADP5589ACBZ-02-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP5589ACBZ-02-R7 AD-ADP5589ACBZ-02-R7 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results

Similar Description - ADP5589ACBZ-02-R7

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8333 NSC-LM8333 Datasheet
777Kb / 17P
Keypad Controller with I/O Expansion and ACCESS.bus Host Interface
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587 AD-ADP5587_1 Datasheet
347Kb / 24P
Mobile I/O Expander and QWERTY Keypad Controller
REV. B
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
List of Unclassifed Man...
VL-SPX-1 ETC2-VL-SPX-1 Datasheet
457Kb / 2P
Simplified I/O Expansion
logo
Analog Devices
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
Keypad Decoder and I/O Port Expander
REV. 0
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
REV. C
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
Keypad Decoder and I/O Expansion
Rev. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com