Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OSB4XNE1E1E Datasheet(PDF) 1 Page - OptoSupply International

Part # OSB4XNE1E1E
Description  Xeon 1 Power Bllue LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB4XNE1E1E Datasheet(HTML) 1 Page - OptoSupply International

  OSB4XNE1E1E Datasheet HTML 1Page - OptoSupply International OSB4XNE1E1E Datasheet HTML 2Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.optosupply.com
VER C.0
1/2
X
Xe
eo
on
n 1
1 P
Po
ow
we
er
r B
Bllu
ue
e L
LE
ED
D
OSB4XNE1E1E
VER C.2
Features
Outline Dimension
Highest Luminous Flux
Super energy efficiency
Long Lifetime Operation
Built-in Zener Diode For ESD Protection
Applications
Read lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Bollards / Security / Garden
Traffic signaling / Beacons
In door / Out door Commercial lights
Automotive Ext
Unit:mm
Tolerance:±0.30mm
ESD Protection Diode
Anode
Cathode
3.6
BackView
Absolute Maximum Rating
(Ta=
(Ta=
(Ta=
(Ta=25℃)
25℃)
25℃)
25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
400
mA
Pulse Forward Current*
IFP
500
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
1600
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260
/5sec
-
*Pulse width Max.10ms
Duty ratio max 1/10
0
0
Electrical -Optical Characteristics
(Ta=25
(Ta=25
(Ta=25
(Ta=25℃
℃))))
Forward Operating Current (DC)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=350mA
3.0
3.3
4.0
V
DC Reverse Current
IR
VR=5V
-
-
10
µA
Domi. Wavelength
λ
D
IF=350mA
455
460
465
nm
Luminous Flux
Φv
IF=350mA
15
20
-
lm
50% Power Angle
1/2
IF=350mA
-
140
-
deg
400
350
300
250
0
50
100
150
200
0
25
50
75
125
100
RJ-A=60
/W
RJ-A=50
/W
RJ-A
=40
/W
RJ-A=30
/W
Ambient Temperature, TA (
)
Note: Don’t drive at rated current more than 5s without heat sink for Xeon 1 emitter series.
LED & Application Technologies


Similar Part No. - OSB4XNE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB4XNE1E1E_VER.C.2 OPTOSUPPLY-OSB4XNE1E1E_VER.C.2 Datasheet
146Kb / 2P
Xeon 1 Power blue LED
More results

Similar Description - OSB4XNE1E1E

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XAE1E1E OPTOSUPPLY-OSB5XAE1E1E Datasheet
80Kb / 1P
Xeon 1 Power Bllue LED
OSB5XAE3E1E OPTOSUPPLY-OSB5XAE3E1E Datasheet
78Kb / 1P
Xeon 3 Power Bllue LED
OSB5XAT1C1E OPTOSUPPLY-OSB5XAT1C1E Datasheet
98Kb / 1P
5x5x1..3mmTops 1 Power Bllue LED
OSG3XAE1E1E OPTOSUPPLY-OSG3XAE1E1E Datasheet
109Kb / 1P
Xeon 1 Power Cyan LED
OSR5XAE1E1E OPTOSUPPLY-OSR5XAE1E1E Datasheet
110Kb / 1P
Xeon 1 Power Red LED
OSW4XME1C1S OPTOSUPPLY-OSW4XME1C1S Datasheet
116Kb / 1P
Xeon 1 Power LED
OSXXXME1C1S OPTOSUPPLY-OSXXXME1C1S_11 Datasheet
119Kb / 1P
Xeon 1 Power LED
OSB4XNE3E1E OPTOSUPPLY-OSB4XNE3E1E Datasheet
146Kb / 2P
Xeon 3 Power Bllue LED
OSTCXBEAC1S OPTOSUPPLY-OSTCXBEAC1S Datasheet
112Kb / 1P
Xeon 1 Power Pure Green &Red & Bllue Sttar LED
OSXXXNE1E1S OPTOSUPPLY-OSXXXNE1E1S Datasheet
110Kb / 1P
Xeon 1 Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com