Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA202AID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA202AID
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA202AID Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA202AID Datasheet HTML 6Page - Texas Instruments INA202AID Datasheet HTML 7Page - Texas Instruments INA202AID Datasheet HTML 8Page - Texas Instruments INA202AID Datasheet HTML 9Page - Texas Instruments INA202AID Datasheet HTML 10Page - Texas Instruments INA202AID Datasheet HTML 11Page - Texas Instruments INA202AID Datasheet HTML 12Page - Texas Instruments INA202AID Datasheet HTML 13Page - Texas Instruments INA202AID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
RESET
V
IN-
V
IN+
INA200
(G=20)
GND
V+
2
3
4
6
5
7
8
1
R
PULL-UP
4.7kW
Latch
Transparent/Reset
C
BYPASS
0.01 F
m
R
SHUNT
3mW
LoadSupply
-18Vto+80V
Load
5VSupply
R
1
R
2
INA200
INA201
INA202
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
www.ti.com
APPLICATIONS INFORMATION
BASIC CONNECTIONS
ACCURACY VARIATIONS AS A RESULT OF
VSENSE AND COMMON-MODE VOLTAGE
Figure 26 shows the basic connections of the
INA200, INA201, and INA202. The input pins, VIN+
The accuracy of the INA200, INA201, and INA202
and VIN–, should be connected as closely as possible
current shunt monitors is a function of two main
to the shunt resistor to minimize any resistance in
variables: VSENSE (VIN+ – VIN–) and common-mode
series with the shunt resistance.
voltage, VCM, relative to the supply voltage, VS. VCM is
expressed as (VIN+ + VIN–)/2; however, in practice,
Power-supply bypass capacitors are required for
VCM is seen as the voltage at VIN+ because the
stability. Applications with noisy or high-impedance
voltage drop across VSENSE is usually small.
power supplies may require additional decoupling
capacitors to reject power-supply noise. Connect
This section addresses the accuracy of these specific
bypass capacitors close to the device pins.
operating regions:
Normal Case 1: VSENSE ≥ 20mV, VCM ≥ VS
POWER SUPPLY
Normal Case 2: VSENSE ≥ 20mV, VCM < VS
The input circuitry of the INA200, INA201, and
Low VSENSE Case 1: VSENSE < 20mV, –16V ≤ VCM
INA202
can
accurately
measure
beyond
the
< 0
power-supply voltage, V+. For example, the V+ power
Low VSENSE Case 2: VSENSE < 20mV, 0V ≤ VCM
supply can be 5V, whereas the load power-supply
VS
voltage is up to +80V. The output voltage range of
Low VSENSE Case 3: VSENSE < 20mV, VS < VCM
the OUT terminal, however, is limited by the voltages
80V
on the power-supply pin.
Figure 26. INA200 Basic Connections
10
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): INA200 INA201 INA202


Similar Part No. - INA202AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA202AID TI1-INA202AID Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA202AIDGKR BURR-BROWN-INA202AIDGKR Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA202AIDGKR BURR-BROWN-INA202AIDGKR Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AIDGKR TI1-INA202AIDGKR Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA202AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com