Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA202AID Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA202AID
Description  High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA202AID Datasheet(HTML) 1 Page - Texas Instruments

  INA202AID Datasheet HTML 1Page - Texas Instruments INA202AID Datasheet HTML 2Page - Texas Instruments INA202AID Datasheet HTML 3Page - Texas Instruments INA202AID Datasheet HTML 4Page - Texas Instruments INA202AID Datasheet HTML 5Page - Texas Instruments INA202AID Datasheet HTML 6Page - Texas Instruments INA202AID Datasheet HTML 7Page - Texas Instruments INA202AID Datasheet HTML 8Page - Texas Instruments INA202AID Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
INA200
G
0.6V
Reference
Comparator
OUT
CMP
IN
CMP
OUT
V
IN-
V
IN+
INA200 (G = 20)
INA201 (G = 50)
INA202 (G = 100)
RESET
GND
V+
2
3
4
6
5
7
8
1
INA200
INA201
INA202
www.ti.com
SBOS374C – NOVEMBER 2006 – REVISED OCTOBER 2010
High-Side Measurement Current-Shunt Monitor
with Open-Drain Comparator and Reference
Check for Samples: INA200, INA201, INA202
1
FEATURES
DESCRIPTION
COMPLETE CURRENT SENSE SOLUTION
0.6V INTERNAL VOLTAGE REFERENCE
The INA200, INA201, and INA202 are high-side
current-shunt monitors with voltage output. The
INTERNAL OPEN-DRAIN COMPARATOR
INA200–INA202 can sense drops across shunts at
LATCHING CAPABILITY ON COMPARATOR
common-mode voltages from –16V to 80V. The
COMMON-MODE RANGE: –16V to +80V
INA200–INA202 are available with three output
voltage scales: 20V/V, 50V/V, and 100V/V, with up to
HIGH ACCURACY: 3.5% MAX ERROR OVER
500kHz bandwidth.
TEMPERATURE
The INA200, INA201, and INA202 also incorporate an
BANDWIDTH: 500kHz (INA200)
open-drain
comparator
and
internal
reference
QUIESCENT CURRENT: 1800mA (max)
providing a 0.6V threshold. External dividers are used
PACKAGES: SO-8, MSOP-8
to set the current trip point. The comparator includes
a latching capability, which can be made transparent
APPLICATIONS
by grounding (or leaving open) the RESET pin.
NOTEBOOK COMPUTERS
The INA200, INA201, and INA202 operate from a
CELL PHONES
single +2.7V to +18V supply, drawing a maximum of
TELECOM EQUIPMENT
1800mA of supply current. Package options include
the very small MSOP-8 and the SO-8. All versions
AUTOMOTIVE
are
specified
over
the
extended
operating
POWER MANAGEMENT
temperature range of –40°C to +125°C.
BATTERY CHARGERS
WELDING EQUIPMENT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - INA202AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA202AID TI1-INA202AID Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
INA202AID TI1-INA202AID Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA202AIDGKR BURR-BROWN-INA202AIDGKR Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA202AIDGKR BURR-BROWN-INA202AIDGKR Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA202AIDGKR TI1-INA202AIDGKR Datasheet
1Mb / 32P
INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA202AID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com