Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDC351DB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDC351DB
Description  1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC351DB Datasheet(HTML) 1 Page - Texas Instruments

  CDC351DB Datasheet HTML 1Page - Texas Instruments CDC351DB Datasheet HTML 2Page - Texas Instruments CDC351DB Datasheet HTML 3Page - Texas Instruments CDC351DB Datasheet HTML 4Page - Texas Instruments CDC351DB Datasheet HTML 5Page - Texas Instruments CDC351DB Datasheet HTML 6Page - Texas Instruments CDC351DB Datasheet HTML 7Page - Texas Instruments CDC351DB Datasheet HTML 8Page - Texas Instruments CDC351DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
Y10
VCC
Y9
OE
A
P0
P1
Y8
VCC
Y7
GND
GND
Y1
VCC
Y2
GND
Y3
Y4
GND
Y5
VCC
Y6
GND
DB OR DW PACKAGE
(TOP VIEW)
CDC351. CDC351I
1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
SCAS441D – FEBRUARY 1994 – REVISED OCTOBER 2003
FEATURES
Low Output Skew, Low Pulse Skew for
Clock-Distribution and Clock-Generation
Applications
Operates at 3.3-V VCC
LVTTL-Compatible Inputs and Outputs
Supports Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
Distributes One Clock Input to Ten Outputs
Distributed VCC and Ground Pins Reduce
Switching Noise
High-Drive Outputs (–32-mA IOH, 32-mA IOL)
State-of-the-Art EPIC-IIB™ BiCMOS Design
Significantly Reduces Power Dissipation
Package Options Include Plastic
Small-Outline (DW) and Shrink Small-Outline
(DB) Packages
DESCRIPTION
The CDC351 is a high-performance clock-driver circuit that distributes one input (A) to ten outputs (Y) with minimum
skew for clock distribution. The output-enable (OE) input disables the outputs to a high-impedance state. The
CDC351 operates at nominal 3.3-V VCC.
The propagation delays are adjusted at the factory using the P0 and P1 pins. The factory adjustments ensure that the
part-to-part skew is minimized and is kept within a specified window. Pins P0 and P1 are not intended for customer
use and should be connected to GND.
FUNCTION TABLE
INPUTS
OUTPUTS
Yn
A
OE
L
H
Z
H
H
Z
L
L
L
H
L
H
AVAILABLE OPTIONS
TA
Shrink Small-Outline Package (DB) (1)
Small-Outline Package (DW) (1)
0
°C to 70°C
CDC351DB
CDC351DW
– 40
°C to 85°C
CDC351IDB
CDC351IDW
(1)
This package is available tape and reel. Order by adding an R to the orderable part number (e.g., CDC351DBR).
EPIC
-IIB is a trademark of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994 – 2003, Texas Instruments Incorporated
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily in-
clude testing of all parameters.


Similar Part No. - CDC351DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC351DB TI-CDC351DB Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CDC351DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
logo
PulseCore Semiconductor
ASM2P2351AH PULSECORE-ASM2P2351AH Datasheet
464Kb / 12P
   1-Line To 10-Line Clock Driver With 3-State Outputs
logo
Texas Instruments
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com