Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP1204RGTT Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCLVP1204RGTT
Description  Four LVPECL Output, High-Performance Clock Buffer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCLVP1204RGTT Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCLVP1204RGTT Datasheet HTML 10Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 11Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 12Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 13Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 14Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 15Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 16Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 17Page - Texas Instruments CDCLVP1204RGTT Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Differential
V
CC
V
CC
96 W
105 W
96 W
105 W
CDCLVP1204
Differential
V
CC
V
CC
82 W
130 W
82 W
130 W
CDCLVP1204
CDCLVP1204
SCAS880C
– AUGUST 2009 – REVISED AUGUST 2011
www.ti.com
Figure 20 and Figure 21 show the technique of ac coupling differential inputs to the CDCLVP1204 for VCC = 2.5
V and VCC = 3.3 V, respectively. It is recommended to place all resistive components close to either the driver
end or the receiver end. If the supply voltages of the driver and receiver are different, ac coupling is required.
Figure 20. AC-Coupled LVPECL Inputs to CDCLVP1204 (VCC = 2.5 V)
Figure 21. AC-Coupled LVPECL Inputs to CDCLVP1204 (VCC = 3.3 V)
REVISION HISTORY
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (May, 2010) to Revision C
Page
Corrected VIL parameter description in Electrical Characteristics table for LVCMOS inputs ............................................... 3
Added footnote (2) to Electrical Characteristics table for LVPECL Output, VCC = 2.375 V to 2.625 V ................................ 3
Revised description of pin 8 .................................................................................................................................................. 5
Changed recommended resistor values in Figure 14(a) .................................................................................................... 11
Changed recommended resistor values in Figure 18 ......................................................................................................... 13
Changed recommended resistor values in Figure 19 ......................................................................................................... 13
Changes from Revision A (October, 2009) to Revision B
Page
Changed descriptions of INP0, INP1 and INN0, INN1 pins in Pin Descriptions table .......................................................... 5
Changed descriptions of all output pins in Pin Descriptions table ........................................................................................ 5
14
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CDCLVP1204


Similar Part No. - CDCLVP1204RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204RGTT TI1-CDCLVP1204RGTT Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP1204RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102 Datasheet
756Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com