Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C63658 Datasheet(PDF) 2 Page - Epson Company

Part # S1C63658
Description  4-bit Single Chip Microcomputer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C63658 Datasheet(HTML) 2 Page - Epson Company

  S1C63658 Datasheet HTML 1Page - Epson Company S1C63658 Datasheet HTML 2Page - Epson Company S1C63658 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S1C63658
Operating temperature range
-20 to 70°C
Current consumption (Typ.)
Low-speed operation (OSC1 = 32 kHz crystal oscillation):
During HALT
3.0 V (LCD ON, halver mode)
0.65 µA
During operation 3.0 V (LCD ON, halver mode)
2.5 µA
High-speed operation (OSC3):
During operation 3.0 V (LCD ON)
1 mA
Shipment form
QFP20-144pin (plastic) or chip
*1: Can be selected with mask option
*2: Can be selected with software
2
Seiko Epson Corporation


Similar Part No. - S1C63658

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C63653 EPSON-S1C63653 Datasheet
93Kb / 6P
CMOS 4-bit Single Chip Microcontroller
S1C63654 EPSON-S1C63654 Datasheet
170Kb / 2P
4-bit Single Chip Microcomputer
S1C63656 EPSON-S1C63656 Datasheet
152Kb / 3P
4-bit Single Chip Microcomputer
S1C63657 EPSON-S1C63657 Datasheet
96Kb / 6P
CMOS 4-bit Single Chip Microcontroller
More results

Similar Description - S1C63658

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com