![]() |
Electronic Components Datasheet Search |
|
5-103974-6 Datasheet(PDF) 16 Page - Tyco Electronics |
|
|
5-103974-6 Datasheet(HTML) 16 Page - Tyco Electronics |
16 / 32 page ![]() 238 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE Pin Assemblies—Guide Ribs, Single-Row, .100 [2.54] Centerline AMPMODU Interconnection System 5 Preassembled housings in strip form are available in positions 2 thru 12. For ease of handling, positions 2 thru 5 are recom- mended when using the Tyco Electronics Manual Pistol Grip Tool. Material and Finish Housing — Black thermoplastic, 94V-0 rated Contacts — Phosphor Bronze, plated as follows: Plating A — Duplex plated .000030 [0.00076] gold on contact area, .000050 [0.00127] min. tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating B — Duplex plated .000015 [0.00038] gold on contact area, .000050 [0.00127] min. tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Plating C — .000100 [0.00254] tin over .000050 [0.00127] nickel on entire contact Note: Insulation displacement contacts accept an insulation diameter of .030 [0.76] min. to .054 [1.37] max. with an insula- tion wall thickness of .015 [0.38] max. Related Product Data Mateable AMPMODU MTE Products (with Pin Assembly Installed in Panel Mount Pin Shroud) — pages 242, 243 Receptacle Assemblies (Polarized/Latching) — pages 230, 231 Receptacle Assemblies with Guide Ribs (installed in Single Row Coupling Shroud) — pages 232, 233, 235, 240 Interchangeable Crimp Contacts — page 254 Application Tooling — page 273 Performance Specifications — page 225 Technical Documents — pages 277, 278 Product Specification 108-25034 Application Specification 114-25026 .098 [2.49] .100 [2.54] Typ. Pin Contacts (See Note 1) Position No. 1 Indicator (Farside) 1.120 [28.45] .600 [15.24] B Typ. A .520 [13.21] |
Similar Part No. - 5-103974-6 |
|
Similar Description - 5-103974-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |