Electronic Components Datasheet Search |
|
5-103974-6 Datasheet(PDF) 12 Page - Tyco Electronics |
|
5-103974-6 Datasheet(HTML) 12 Page - Tyco Electronics |
12 / 32 page 234 Catalog 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 8-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 MTE High Pressure Receptacle Assemblies—Plain, Single-Row, .100 [2.54] Centerline AMPMODU Interconnection System Note: All part numbers are RoHS compliant. 5 Receptacle Contacts (See Note 1) Position No. 1 Indicator (Farside) 1.120 [28.45] .600 [15.24] .098 [2.49] .100 [2.54] Typ. B Typ. A .520 [13.21] Strip Form Strip Form No. of Dimensions Housings Receptacle Receptacle Pos. Quantities Per Assembly Assembly AB Strip Segment 30-26 AWG 26-22 AWG [.05-.15mm2] Wire [.12-.30mm2] Wire 2 1.980 [50.29] .198 [5.03] 10 5-104438-1 5-104439-1 3 1.490 [37.85] .298 [7.57] 5 5-104438-2 5-104439-2 4 1.990 [50.55] .398 [10.11] 5 5-104438-3 5-104439-3 5 1.990 [50.55] .498 [12.65] 4 5-104438-4 5-104439-4 6 2.390 [60.71] .598 [15.19] 4 5-104438-5 5-104439-5 7 1.400 [35.56] .698 [17.73] 2 5-104438-6 5-104439-6 8 1.600 [40.64] .798 [20.27] 2 5-104438-7 5-104439-7 9 1.800 [45.72] .898 [22.81] 2 5-104438-8 5-104439-8 10 2.000 [50.80] .998 [23.35] 2 5-104438-9 5-104439-9 11 2.200 [55.88] 1.098 [27.89] 2 6-104438-0 6-104439-0 12 2.400 [60.96] 1.198 [30.43] 2 6-104438-1 6-104439-1 Notes: 1. Receptacle assemblies are furnished with strip contacts partially inserted into housing—contacts latched into “preload” windows. Contacts are fully inserted into housings automatically when terminated with Tyco Electronics application machines, or manually when terminated with Tyco Electronics pistol grip hand tool. 2. High pressure receptacle contacts can be made available in other housing styles and position sizes. Contact your Tyco Electronics sales representative. Preassembled housings in strip form are available in positions 2 thru 12. For ease of handling, positions 2 thru 5 are recom- mended when using the Tyco Electronics Manual Pistol Grip Tool. Material and Finish Housing — Black thermoplastic, 94V-0 rated Contacts — Phosphor Bronze, duplex plated .000030 [0.00076] gold on contact area, .000050 [0.00127] min. tin in crimp area, with entire contact underplated .000050 [0.00127] nickel Note: Insulation displacement contacts accept an insulation diameter of .030 [0.76] min. to .054 [1.37] max. with an insulation wall thickness of .015 [0.38] max. Mating post length for preloaded housings is .200 [5.08] min., .250 [6.35] max. Related Product Data Mateable AMPMODU Products Breakaway Headers — pages 102- 110, (with .230 mating length) Reeled Breakaway Headers — pages 106, 107 (with .230 mating length) Machine Applied Bandolier Posts — page 163 Application Tooling — page 273 Performance Specifications — page 225 Technical Documents — pages 277, 278) Product Specification 108-25034 Application Specification 114-25026 |
Similar Part No. - 5-103974-6 |
|
Similar Description - 5-103974-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |