Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489 Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31489 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Device Orientation
Tape Dimensions
DIMENSIONS IN MM
NOTES:
1. 10 SPROCKET HOLE PITCH CUMULATIVE TOLERANCE
±0.2
2. CAMBER IN COMPLIANCE WITH EIA 481
3. POCKET POSITION RELATIVE TO SPROCKET HOLE MEASURED
AS TRUE POSITION OF POCKET, NOT POCKET HOLE
12.0 ± .3
Ao = 4.60
Bo = 4.90
Ko = 1.90
5.50 ± .05
SEE NOTE 3
1.75 ± .10
8.00
Ø
1.5 +0.1/-0.0
2.00 ± .05 SEE NOTE 3
4.00 SEE NOTE 1
SECTION A - A
Ø
1.50 MIN.
Ao
Ko
R 0.3 TYP.
R 0.3 MAX.
0.30 ± .05
A
A
Bo
USER FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL


Similar Part No. - MGA-31489

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com