Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31489 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Part Number Ordering Information
Part Number
No. of Devices
Container
MGA-31489-BLKG
100
Anti-static Bag
MGA-31489-TR1G
3000
13" Tape/Reel
SOT89 Package Dimensions
Dimensions in mm
Dimensions in inches
Symbols
Minimum
Nominal
Maximum
Minimum
Nominal
Maximum
A
1.40
1.50
1.60
0.055
0.059
0.063
L
0.89
1.04
1.20
0.0350
0.041
0.047
b
0.36
0.42
0.48
0.014
0.016
0.018
b1
0.41
0.47
0.53
0.016
0.018
0.030
C
0.38
0.40
0.43
0.014
0.015
0.017
D
4.40
4.50
4.60
0.173
0.177
0.181
D1
1.40
1.60
1.75
0.055
0.062
0.069
D2
1.45
1.65
1.80
0.055
0.062
0.069
E
3.94
-
4.25
0.155
-
0.167
E1
2.40
2.50
2.60
0.094
0.098
0.102
e1
2.90
3.00
3.10
0.114
0.118
0.122
S
0.65
0.75
0.85
0.026
0.030
0.034
e
1.40
1.50
1.60
0.054
0.059
0.063
MATTE FINISH
POLISH
POLISH
D
D1
E1
E
L
b
e
e1
S
C
b1
b
A
OR
D2
D1
b1
HALF ETCHING
1.625
DEPTH 0.100
E
D
D1
E1
E
L
e
e1
S
OR


Similar Part No. - MGA-31489

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com