Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-31489 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-31489
Description  0.1W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-31489 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-31489 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED MGA-31489 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
MGA-31489 K-Factor (1)
Tc = 25° C, Vd = 5.0 V, Id = 69 mA, Zo = 50 Ω
MGA-31489 Typical Noise Parameters (1)
Tc = 25° C, Vd = 5.0 V, Id = 69 mA, Zo = 50 Ω
Freq
(GHz)
Fmin
(dB)
Γopt
Mag
Γopt
Ang
Rn/Z0
Ga
(dB)
0.5
4.61
0.727
-127.5
0.83
17.55
0.8
2.63
0.441
-100.2
0.41
19.82
0.9
2.24
0.407
-92.2
0.35
20.13
1.0
2.11
0.328
-81.4
0.32
20.35
1.5
1.88
0.156
-54.1
0.26
20.52
2.0
1.67
0.101
-46.8
0.27
20.46
2.5
1.98
0.161
49.0
0.29
21.03
3.0
2.05
0.254
97.0
0.26
21.91
3.5
1.95
0.379
132.9
0.18
20.78
4.0
2.27
0.531
164.3
0.10
17.00
4.5
2.67
0.643
-167.2
0.09
14.01
5.0
3.21
0.748
-139.3
0.39
11.47
5.5
4.19
0.821
-110.6
1.83
8.90
6.0
4.78
0.916
-83.0
5.90
6.21
Note:
1. Measurements are made using 10 mils Rogers RO4350 TRL Board.
0
1
2
3
4
5
6
7
8
9
10
0
2
4
6
8
10
12
14
16
18
20
Frequency (GHz)
K Factor


Similar Part No. - MGA-31489

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
More results

Similar Description - MGA-31489

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31389 AVAGO-MGA-31389_15 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier
MGA-31489 AVAGO-MGA-31489_15 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier
MGA-31389 AVAGO-MGA-31389 Datasheet
546Kb / 15P
   0.1W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31389 BOARDCOM-MGA-31389 Datasheet
557Kb / 15P
   0.1W High Gain Driver Amplifier 50MHz ~ 2GHz
MGA-31489 BOARDCOM-MGA-31489 Datasheet
520Kb / 13P
   0.1W High Gain Driver Amplifier 1.5GHz ~ 3GHz
logo
IXYS Corporation
MMA-174321-R4 IXYS-MMA-174321-R4 Datasheet
1Mb / 11P
   17-43GHz, 0.1W Gain Block
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189_15 Datasheet
557Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31189 AVAGO-MGA-31189 Datasheet
546Kb / 15P
   0.25W High Gain Driver Amplifier
MGA-31289 AVAGO-MGA-31289_15 Datasheet
565Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com