Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G16V8MS Datasheet(PDF) 7 Page - ATMEL Corporation

Part # G16V8MS
Description  Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

G16V8MS Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button G16V8MS Datasheet HTML 3Page - ATMEL Corporation G16V8MS Datasheet HTML 4Page - ATMEL Corporation G16V8MS Datasheet HTML 5Page - ATMEL Corporation G16V8MS Datasheet HTML 6Page - ATMEL Corporation G16V8MS Datasheet HTML 7Page - ATMEL Corporation G16V8MS Datasheet HTML 8Page - ATMEL Corporation G16V8MS Datasheet HTML 9Page - ATMEL Corporation G16V8MS Datasheet HTML 10Page - ATMEL Corporation G16V8MS Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
0425H–PLD–3/11
Atmel ATF16V8C
11.
Security fuse usage
A single fuse is provided to prevent unauthorized copying of the ATF16V8C fuse patterns. Once programmed, fuse verify
and preload are inhibited. However, the 64-bit user signature remains accessible.
The security fuse will be programmed last, as its effect is immediate.
12.
Input and I/O pin-keeper circuits
The ATF16V8C contains internal input and I/O pin-keeper circuits. These circuits allow each ATF16V8C pin to hold its
previous value even when it is not being driven by an external source or by the device’s output buffer. This helps insure
that all logic array inputs are at known, valid logic levels. This reduces system power by preventing pins from floating to
indeterminate levels. By using pin-keeper circuits rather than pull-up resistors, there is no DC current required to hold the
pins in either logic state (high or low).
These pin-keeper circuits are implemented as weak feedback inverters, as shown in the Input Diagram below. These
keeper circuits can easily be overdriven by standard TTL- or CMOS-compatible drivers. The typical overdrive current
required is 40μA.
Figure 13.
Input diagram
Figure 14.
I/O diagram


Similar Part No. - G16V8MS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
G16V8MS ATMEL-G16V8MS Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
More results

Similar Description - G16V8MS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
Industry-standard Architecture Emulates Mary 20-pin PAL
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
logo
Maxim Integrated Produc...
MAX16065EVKIT MAXIM-MAX16065EVKIT Datasheet
2Mb / 22P
Easy-to-Use GUI Software
Rev 0; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com