Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17653 Datasheet(PDF) 3 Page - Epson Company

Part # S1C17653
Description  16-bit Single Chip Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17653 Datasheet(HTML) 3 Page - Epson Company

  S1C17653 Datasheet HTML 1Page - Epson Company S1C17653 Datasheet HTML 2Page - Epson Company S1C17653 Datasheet HTML 3Page - Epson Company S1C17653 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S1C17653
BLOCK DIAGRAM
CPU Core S1C17
Internal RAM
(2K bytes)
Flash memory
(16K bytes)
Test circuit
Reset circuit
Interrupt controller
8-bit timer (1 ch.)
UART (1 ch.)
SPI (1 ch.)
Sound generator
16-bit PWM timer
(1 ch.)
Watchdog timer
Clock timer
Real-time clock
Theoretical
reguration
Clock generator
(with oscillators)
MISC register
LCD driver
Supply voltage
detection circuit
Power generator
I/O 1 (0x4000-)
I/O port/
port MUX
DCLK, DST2,
DSIO
VD1, VOSC, VC1~3,
CA, CB, IREF_M
SEG0-31, COM0-3
LFRO
OSC1-2, OSC3-4
FOUTA, FOUTB
REGMON
EXCL0,
CAPA0/TOUTA0.
CAPB0/TOUTB0
BZ, #BZ
P00-07, P10-13
SDI0, SDO0,
SPICLK0,
#SPISS0
SIN0, SOUT0,
SCLK0
#RESET
TEST0
32 bits
16 bits
8/16 bits
I/O 2 (0x5000-)
8/16 bits
CPU Core S1C17
Internal RAM
(2K bytes)
Flash memory
(16K bytes)
Test circuit
Reset circuit
Interrupt controller
8-bit timer (1 ch.)
UART (1 ch.)
SPI (1 ch.)
Sound generator
16-bit PWM timer
(1 ch.)
Watchdog timer
Clock timer
Real-time clock
Theoretical
reguration
Clock generator
(with oscillators)
MISC register
LCD driver
Supply voltage
detection circuit
Power generator
I/O 1 (0x4000-)
I/O port/
port MUX
DCLK, DST2,
DSIO
VD1, VOSC, VC1~3,
CA, CB, IREF_M
SEG0-31, COM0-3
LFRO
OSC1-2, OSC3-4
FOUTA, FOUTB
REGMON
EXCL0,
CAPA0/TOUTA0.
CAPB0/TOUTB0
BZ, #BZ
P00-07, P10-13
SDI0, SDO0,
SPICLK0,
#SPISS0
SIN0, SOUT0,
SCLK0
#RESET
TEST0
32 bits
16 bits
8/16 bits
I/O 2 (0x5000-)
8/16 bits
Seiko Epson Corporation
3


Similar Part No. - S1C17653

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17651 EPSON-S1C17651 Datasheet
146Kb / 4P
16-bit Single Chip Microcontroller
More results

Similar Description - S1C17653

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com