Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17653 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17653
Description  16-bit Single Chip Microcontroller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17653 Datasheet(HTML) 1 Page - Epson Company

  S1C17653 Datasheet HTML 1Page - Epson Company S1C17653 Datasheet HTML 2Page - Epson Company S1C17653 Datasheet HTML 3Page - Epson Company S1C17653 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S1C17653
16-bit Single Chip Microcontroller
16KB MTP ROM(Three times): Read/program protection function, 2KB RAM
*A programming power supply (VPP) is required.
Generates the operating clocks with the built-in oscillators.
- OSC3B oscillator circuit: 2 MHz/1 MHz/500 kHz (typ.) internal oscillator circuit
- OSC3A oscillator circuit: 4.2 MHz (max.) crystal or ceramic oscillator circuit
- OSC1B oscillator circuit: 32 kHz (typ.) internal oscillator circuit
- OSC1A oscillator circuit: 32.768 kHz (typ.) crystal oscillator circuit
LCD driver Number of driver outputs: 32Seg. x 4Com.
Shipping form: TQFP14-80PIN(12×12×1mm), Die
RISC CPU core S1C17: the compact code optimized for C, and high throughput of an
instruction/clock, supports serial ICE
■DESCRIPTIONS
The S1C17653 is suitable for battery driven applications with up to 80-seg LCD, such as OTP (One Time
Password) products, Price TAG, and watches.
FEATURES
The main features of the S1C17653 are listed below.
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
Multiplier/Divider (COPRO)
• 16-bit × 16-bit multiplier
• 16-bit × 16-bit + 32-bit multiply and accumulation unit
• 16-bit ÷ 16-bit divider
Embedded Flash memory
Capacity
16K bytes (for both instructions and data)
Erase/program count
Three times
Other
• Read/program protection function
• A programming power supply (VPP) is required.
• Allows on-board programming using a debugging tool such as ICDmini.
Embedded RAM
Capacity
2K bytes
Clock generator
System clock source
System clock source
OSC3B oscillator circuit
2M/1M/500k Hz (typ.) internal oscillator circuit
OSC3A oscillator circuit
4.2 MHz (max.) crystal or ceramic oscillator circuit
OSC1B oscillator circuit
32 kHz (typ.) internal oscillator circuit
OSC1A oscillator circuit
32.768 kHz (typ.) crystal oscillator circuit
Oscillation adjustment by theoretical regulation
Other
• Core clock frequency control
• Peripheral module clock supply control
LCD driver
Number of driver outputs
Segment output: 32 pins, Common output: 4 pins
Other
• Includes a power supply voltage booster/reducer.
• Includes a display data memory.
I/O ports
Number of general-purpose I/O ports
Max. 12 bits (Pins are shared with the peripheral I/O.)
Other
• Schmitt input
• Pull-up control function
• Port input interrupt: 8 bits
Serial interfaces
SPI
1 channel
UART
1 channel (IrDA1.0 supported)
Timers/Counters
8-bit timer (T8)
1 channel (Generates the SPI clock.)
16-bit PWM timer (T16A2)
1 channel (PWM output, event counter, and count capture functions)
Watchdog timer (WDT)
1 channel (Generates NMI/reset.)
Clock functions


Similar Part No. - S1C17653

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17651 EPSON-S1C17651 Datasheet
146Kb / 4P
16-bit Single Chip Microcontroller
More results

Similar Description - S1C17653

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
16-Bit Single-Chip Microcontroller
V2.0, May 2001
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com