Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17555 Datasheet(PDF) 4 Page - Epson Company

Part # S1C17555
Description  16-bit Single Chip Microcontroller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17555 Datasheet(HTML) 4 Page - Epson Company

  S1C17555 Datasheet HTML 1Page - Epson Company S1C17555 Datasheet HTML 2Page - Epson Company S1C17555 Datasheet HTML 3Page - Epson Company S1C17555 Datasheet HTML 4Page - Epson Company S1C17555 Datasheet HTML 5Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
S1C17555/565/955/965
4
Seiko Epson Corporation
CPU Core S1C17
Internal RAM1
(4K bytes)
Flash memory
(128K bytes)
Reset circuit
Interrupt controller
16-bit timer (3 ch.)
Fine mode
16-bit timer (2 ch.)
UART (1 ch.)
8-bit SPI (2 ch.)
16-bit SPI (1 ch.)
I2C master (1 ch.)
I2C slave (1 ch.)
FSA
Internal RAM2 (FSA RAM)
(12K bytes)
MISC register
Clock generator
(with oscillators)
Clock timer
Stopwatch timer
W atchdog timer
16-bit PWM timer
(4 ch.)
I/O port/
port MUX
DCLK, DST2,
DSIO
OSC1-2
FOUTA, FOUTB
EXCL0-2, MSCLK
CAPA0-2, TOUTA0-2
P00-07,
P10-17,
P20-23
LVDD,
HVDD
VPP
#RESET
SIN0, SOUT0,
SCLK0
SDI0-1, SDO0-1,
SPICLK0-1, #SPISS0-1
SDI2, SDO2,
SPICLK2, SPISS2
SDAM, SCLM
SDAS, SCLS
#BFR
32 bits
16 bits
32 bits
32 bits
8/16 bits
8/16 bits
CPU Core S1C17
Internal RAM1
(4K bytes)
Flash memory
(128K bytes)
Reset circuit
Interrupt controller
16-bit timer (3 ch.)
Fine mode
16-bit timer (2 ch.)
UART (1 ch.)
8-bit SPI (2 ch.)
16-bit SPI (1 ch.)
I2C master (1 ch.)
I2C slave (1 ch.)
FSA
Internal RAM2 (FSA RAM)
(12K bytes)
MISC register
Clock generator
(with oscillators)
Clock timer
Stopwatch timer
W atchdog timer
16-bit PWM timer
(4 ch.)
I/O port/
port MUX
DCLK, DST2,
DSIO
OSC1-2
FOUTA, FOUTB
EXCL0-2, MSCLK
CAPA0-2, TOUTA0-2
P00-07,
P10-17,
P20-23
LVDD,
HVDD
VPP
#RESET
SIN0, SOUT0,
SCLK0
SDI0-1, SDO0-1,
SPICLK0-1, #SPISS0-1
SDI2, SDO2,
SPICLK2, SPISS2
SDAM, SCLM
SDAS, SCLS
#BFR
32 bits
16 bits
32 bits
32 bits
8/16 bits
8/16 bits
S1C17955
S1C17965
CPU Core S1C17
Internal RAM
(4K bytes)
Flash memory
(128K bytes)
Reset circuit
Interrupt controller
16-bit timer (3 ch.)
Fine mode
16-bit timer (2 ch.)
UART (2 ch.)
8-bit SPI (2 ch.)
16-bit SPI (1 ch.)
I2C master (1 ch.)
I2C slave (1 ch.)
FSA
Internal RAM2 (FSA RAM)
(12K bytes)
Regulator
12-bit A/D converter
MISC register
Clock generator
(with oscillators)
Clock timer
Stopwatch timer
Watchdog timer
16-bit PWM timer
(4 ch.)
IR remote controller
I/O port/
port MUX
DCLK, DST2,
DSIO
VINL, VINA, VINP, REGEN
C1P, C1N, C1H, C2P, C2N
AVDD, AVSS
AINx
ITRS
OSC1-2, OSC3-4
FOUTA, FOUTB
EXCL0-2, MSCLK
CA`A0-3, TOUTA0-3
REMI, REMO
P00-07,
P10-17,
P20-27
LVDD,
HVDD
VPP
#RESET
SIN0-1, SOUT0-1,
SCLK0-1
SDI0-1, SDO0-1,
SPICLK0-1, #SPISS0-1
SDI2, SDO2,
SPICLK2, SPISS2
SDAM, SCLM
SDAS, SCLS
#BFR
32 bits
16 bits
32 bits
32 bits
8/16 bits
8/16 bits
CPU Core S1C17
Internal RAM
(4K bytes)
Flash memory
(128K bytes)
Reset circuit
Interrupt controller
16-bit timer (3 ch.)
Fine mode
16-bit timer (2 ch.)
UART (2 ch.)
8-bit SPI (2 ch.)
16-bit SPI (1 ch.)
I2C master (1 ch.)
I2C slave (1 ch.)
FSA
Internal RAM2 (FSA RAM)
(12K bytes)
Regulator
12-bit A/D converter
MISC register
Clock generator
(with oscillators)
Clock timer
Stopwatch timer
Watchdog timer
16-bit PWM timer
(4 ch.)
IR remote controller
I/O port/
port MUX
DCLK, DST2,
DSIO
VINL, VINA, VINP, REGEN
C1P, C1N, C1H, C2P, C2N
AVDD, AVSS
AINx
ITRS
OSC1-2, OSC3-4
FOUTA, FOUTB
EXCL0-2, MSCLK
CA`A0-3, TOUTA0-3
REMI, REMO
P00-07,
P10-17,
P20-27
LVDD,
HVDD
VPP
#RESET
SIN0-1, SOUT0-1,
SCLK0-1
SDI0-1, SDO0-1,
SPICLK0-1, #SPISS0-1
SDI2, SDO2,
SPICLK2, SPISS2
SDAM, SCLM
SDAS, SCLS
#BFR
32 bits
16 bits
32 bits
32 bits
8/16 bits
8/16 bits


Similar Part No. - S1C17555

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17554 EPSON-S1C17554 Datasheet
165Kb / 4P
   16-bit Single Chip Microcontroller
More results

Similar Description - S1C17555

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com