Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17555 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17555
Description  16-bit Single Chip Microcontroller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17555 Datasheet(HTML) 2 Page - Epson Company

  S1C17555 Datasheet HTML 1Page - Epson Company S1C17555 Datasheet HTML 2Page - Epson Company S1C17555 Datasheet HTML 3Page - Epson Company S1C17555 Datasheet HTML 4Page - Epson Company S1C17555 Datasheet HTML 5Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S1C17555/565/955/965
12-bit A/D converter (aDC12Sa)
Conversion method
Successive
approximation type
Successive
approximation type
Analog input channel
6 channels
(Three channels can
only be used for
multichannel
conversion.)
6 channels
(Three channels can
only be used for
multichannel
conversion.)
Resolution
12 bits
12 bits
Interrupts
Reset interrupt
#RESET pin
NMI
Watchdog timer
Programmable interrupts
21 systems (8 levels)
22 systems (8 levels)
21 systems (8 levels)
22 systems (8 levels)
Power supply voltage
Core voltage (LVDD)
1.65 V to 1.95 V
1.65 V to 1.95 V
(Not required when the
regulator is used)
1.65 V to 1.95 V
1.65 V to 1.95 V
(Not required when the
regulator is used)
I/O voltage (HVDD)
1.65 V to 3.6 V
2.0 V to 3.6 V
(When the regulator is
used)
1.65 V to 3.6 V
(When the regulator is
not used)
1.65 V to 3.6 V
2.0 V to 3.6 V
(When the regulator is
used)
1.65 V to 3.6 V
(When the regulator is
not used)
Analog voltage (AVDD)
2.7 V to 3.6 V (Not
required when the
regulator is used)
2.7 V to 3.6 V (Not
required when the
regulator is used)
Flash programming voltage
(VPP)
7.5 V (Not required when the regulator/booster is used.)
Regulators
LVDD regulator
Input: 2.0 V to 3.6 V
Output: 1.8 V
Input: 2.0 V to 3.6 V
Output: 1.8 V
AVDD regulator
Input: 3.1 V to 3.6 V,
Output: 2.8 V
Input: 3.1 V to 3.6 V,
Output: 2.8 V
VPP regulator/booster
Input: 2.4 V to 3.6 V
Output: 7.5 V
Operating temperature
Operating temperature range
-40°C to 85°C (10 to 40°C when programing/erasing the Flash)
Current consumption (Typ. value, lVDD = hVDD = 1.8 V, regulator not used)
SLEEP state
1.0
μA (IOSC = Off, OSC1 = Off, OSC3 = Off)
HALT state
2.9
μA (IOSC = Off, OSC1 = 32 kHz, OSC3 = Off)
Run state
3500
μA (IOSC = 12 MHz, OSC1 = Off, OSC3 = Off)
FSA operating current
-
+270
μA/MHz
Shipping form
1
WCSP-48
3.863 × 3.863 × 0.8 mm,
ball pitch: 0.5 mm
TQFP13-64pin
10 × 10 × 1.0 mm,
lead pitch: 0.5 mm
WCSP-48
3.863 × 3.863 × 0.8 mm,
ball pitch: 0.5 mm
TQFP13-64pin
10 × 10 × 1.0 mm,
lead pitch: 0.5 mm
2
Die form
3.863 × 3.863 mm,
pad pitch: 140
μm
Die form
3.863 × 3.863 mm,
pad pitch: 140
μm
*1 For more information on the FSA, please contact Seiko Epson.
2
Seiko Epson Corporation


Similar Part No. - S1C17555

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17554 EPSON-S1C17554 Datasheet
165Kb / 4P
16-bit Single Chip Microcontroller
More results

Similar Description - S1C17555

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com