Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17555 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17555
Description  16-bit Single Chip Microcontroller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17555 Datasheet(HTML) 1 Page - Epson Company

  S1C17555 Datasheet HTML 1Page - Epson Company S1C17555 Datasheet HTML 2Page - Epson Company S1C17555 Datasheet HTML 3Page - Epson Company S1C17555 Datasheet HTML 4Page - Epson Company S1C17555 Datasheet HTML 5Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S1C17555/565/955/965
16-bit Single Chip Microcontroller
Built-in FSA (Flexible Signal processing Accelerator) function;
It realize high processing with low power
12-bit A/D converter
Several kinds of serial interface
48-pin wafer-chip-scale package (WCSP)
Built-in the flash memory that it can write with a single power supply
■ DESCRIPTIONS
S1C17555/565/955/965 can operate at high speed with low power and it has large address area.
These products have good points such as Space-saving package (WCSP), 12-bit A/D converter and Signal
processing accelerator(FSA) every model and selectable depending on a use.
In FSA, signal processing ranging from image processing to audio handling is possible.
S1C17955/965 is most suitable for the application such as mobile devices. FSA realize high processing with a low
clock, and realize a low consumption design by using this function.
FEATURES
機種
S1C17555
S1C17565
S1C17955
S1C17965
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
Multiplier/Divider (COPRO)
• 16-bit × 16-bit multiplier
• 16-bit × 16-bit + 32-bit multiply and accumulation unit
• 16-bit ÷ 16-bit divider
FSA *1
Multiply and accumulation unit
-
32-bit × 32-bit multiplier + 72-bit adder
Data access
-
2 inputs and 1 output
Address space
12K bytes
Embedded Flash memory
Capacity
128K bytes (for both instructions and data)
Erase/program count
40 times (min.) (Applied only when FLS V1.0 or later is used.)
Other
• Read/program protection function
• An embedded power supply booster for erasing/programming
• Allows on-board programming using a debugging tool such as ICDmini.
Embedded RaM
RAM1 Capacity
4K bytes
RAM2 (FSA RAM) Capacity
12K bytes
Clock generator (ClG)
System clock source
2 sources
(IOSC/OSC1)
3 sources
(IOSC/OSC1/OSC3)
2 sources
(IOSC/OSC1)
3 sources
(IOSC/OSC1/OSC3)
IOSC oscillator circuit
2/4/8/12 MHz (typ.) internal oscillator circuit
OSC3 oscillator circuit
24 MHz (max.) crystal
or ceramic oscillator
circuit
Supports an external
clock input.
24 MHz (max.) crystal
or ceramic oscillator
circuit
Supports an external
clock input.
OSC1 oscillator circuit
32.768 kHz (typ.) crystal oscillator circuit. Supports an external clock input.
Other
• Core clock frequency control
• Peripheral module clock supply control
I/O ports (P)
Max. 20 bits
Max. 24 bits
Max. 20 bits
Max. 24 bits
Number of general-purpose
I/O ports
Pins are shared with the peripheral I/O.
Serial interfaces
8-bit SPI (SPI)
2 channels
16-bit SPI (SPI16)
1 channel
I
2C master (I2CM)
1 channel
I
2C slave (I2CS)
1 channel
UART(UART)
1 channel
(IrDA1.0 supported)
2 channels
(IrDA1.0 supported)
1 channel
(IrDA1.0 supported)
2 channels
(IrDA1.0 supported)
IR remote controller (REMC)
1 channel
1 channel
Timers
16-bit timer (T16)
3 channels
Fine mode 16-bit timer (T16F)
2 channels
16-bit PWM timer (T16A2)
4 channels
Clock timer (CT)
1 channel
Stopwatch timer (SWT)
1 channel
Watchdog timer (WDT)
1 channel


Similar Part No. - S1C17555

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17554 EPSON-S1C17554 Datasheet
165Kb / 4P
   16-bit Single Chip Microcontroller
More results

Similar Description - S1C17555

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com