Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17002 Datasheet(PDF) 4 Page - Epson Company

Part # S1C17002
Description  Low Power 16-bit single Chip Microcontroller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17002 Datasheet(HTML) 4 Page - Epson Company

  S1C17002 Datasheet HTML 1Page - Epson Company S1C17002 Datasheet HTML 2Page - Epson Company S1C17002 Datasheet HTML 3Page - Epson Company S1C17002 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
S1C17002
4
Seiko Epson Corporation
Block Diagram
SEMICONDUCTOR OPERATIONS DIVISION
SEIKO EPSON CORPORATION
IC Sales Department
IC International Sales Group
421-8 Hino, Hino-shi, Tokyo 191-8501, JAPAN
Phone: 042-587-5814
FAX: 042-587-5117
NOTICE:
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson.
Seiko Epson reserves the right to make changes to this material without notice. Seiko Epson does not assume any liability of any kind
arising out of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no
representation that this material is applicable to products requiring high level reliability, such as, medical products. Moreover, no license
to any intellectual property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in
accordance with this material will be free from any patent or copyright infringement of a third party. This material or portions thereof may
contain technology or the subject relating to strategic products under the control of the Foreign Exchange and Foreign Trade Law of Japan
and may require an export license from the Ministry of Economy, Trade and Industry or other approval from another government agency.
All brands or product names mentioned herein are trademarks and/or registered trademarks of their respective companies.
©Seiko Epson Corporation 2009, All rights reserved.
http://www.epson.jp/device/semicon_e/
Epson semiconductor website
Document code: 411826400
First issue Oct, 2009
CPU Core S1C17
IR AM
(8K bytes)
Mask ROM
(128K bytes)
Multiplier/Divider
(D SP)
I/O 1 (0x4000-)
SRAM controller
I/O 2 (0x4400-)
Prescaler
Clock generator
UART
SPI
I2C
Interrupt controller
Extended SPI
16-bit multi -function
ti mer
8-bit timer
A/D converter
Remote controller
Clock
management unit
Watchdog timer
8-b it OSC1 timer
RTC
I/O port/
I/O MUX
I nterrupt system
TEST
#RESET
HVDD
LVDD
AVDD
Vss
SPI_SDI1, SPI_SDO1,
SPI _CLK1, #SPI_SSI1
EXCL0, TM0, #TM0, PWMPRT 0
AIN0-4, #ADT RG
REMC_IN, REMC_OUT
P00-03, P10-16, P20-27,
P30-32, P35-37, P40-44,
P50-53
WDT _CLK. #WDT_NMI
OSC1-2, OSC3-4,
CMU_CLK
I2CM_SD A, I2CM_SCL,
I2CS_SDA, I2CS_SCL,
#I2CS_RST
SPI_SDI0, SPI_SDO0,
SPI_SCK0, #SPI_SSIO
SIN0, SOUT0, #SCLK0
DCLK, DSIO,
DST2
CPU Core S1C17
IR AM
(8K bytes)
Mask ROM
(128K bytes)
Multiplier/Divider
(D SP)
I/O 1 (0x4000-)
SRAM controller
I/O 2 (0x4400-)
Prescaler
Clock generator
UART
SPI
I2C
Interrupt controller
Extended SPI
16-bit multi -function
ti mer
8-bit timer
A/D converter
Remote controller
Clock
management unit
Watchdog timer
8-b it OSC1 timer
RTC
I/O port/
I/O MUX
I nterrupt system
TEST
#RESET
HVDD
LVDD
AVDD
Vss
SPI_SDI1, SPI_SDO1,
SPI _CLK1, #SPI_SSI1
EXCL0, TM0, #TM0, PWMPRT 0
AIN0-4, #ADT RG
REMC_IN, REMC_OUT
P00-03, P10-16, P20-27,
P30-32, P35-37, P40-44,
P50-53
WDT _CLK. #WDT_NMI
OSC1-2, OSC3-4,
CMU_CLK
I2CM_SD A, I2CM_SCL,
I2CS_SDA, I2CS_SCL,
#I2CS_RST
SPI_SDI0, SPI_SDO0,
SPI_SCK0, #SPI_SSIO
SIN0, SOUT0, #SCLK0
DCLK, DSIO,
DST2


Similar Part No. - S1C17002

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17001 EPSON-S1C17001 Datasheet
114Kb / 6P
   CMS 16-bit Single chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17002

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17711 EPSON-S1C17711 Datasheet
118Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17704 EPSON-S1C17704 Datasheet
149Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17705 EPSON-S1C17705 Datasheet
183Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
   Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
   Low Power 16-bit Single Chip Microcontroller
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com