Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17002 Datasheet(PDF) 3 Page - Epson Company

Part # S1C17002
Description  Low Power 16-bit single Chip Microcontroller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17002 Datasheet(HTML) 3 Page - Epson Company

  S1C17002 Datasheet HTML 1Page - Epson Company S1C17002 Datasheet HTML 2Page - Epson Company S1C17002 Datasheet HTML 3Page - Epson Company S1C17002 Datasheet HTML 4Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S1C17002
Seiko Epson Corporation
3
Infrared Remote Controller
Outputs a modulated carrier signal and inputs remote control pulses.
Embedded carrier signal generator and data length counter.
Can generates REMC interrupts.
General-Purpose I/O Ports
Maximum 30 I/O ports and four input ports are available.
Can generate input interrupts from the six ports selected with software.
* The GPIO ports are shared with other peripheral function pins (UART, PWM etc.). Therefore, the number of GPIO
ports depends on the peripheral functions used.
A/D Converter
10-bit A/D converter with up to four analog input ports
Can generates an end of conversion interrupt and an out of range interrupt.
Outputs an out of range signal to the IGBT circuit in the 16-bit multi-function timer module.
Operating Voltage
HVDD (for I/O): 1.65 to 3.60 V
LVDD (for Core): 1.65 to 1.95 V
AVDD (for ADC): 2.70 to 3.60 V (1.65 to 3.60 V*)
* The AVDD voltage range can be changed to 1.65 to 3.60 V only when the ADC is not used and the P0x pins are used
as digital signal input pins, not analog input pins. However, the high and low level input voltages of the digital signals
must be AVDD and GND, respectively.
Operating Temperatures
-40 to 85°C
Current Consumption
During SLEEP: 1.8 μA (typ.) 32 kHz/1.8 V, RTC = On
During HALT: 1.3 mA (typ.) 20 MHz/1.8 V
During execution: 3.8 mA (typ.) 20 MHz/1.8 V
* By controlling the clocks through the Clock-Gear (CMU), power consumption can be reduced.
Shipping Form
TQFP12-64pin (7 mm × 7 mm × 1.2 mm, 0.4 mm pin pitch)
WCSP-48 (3.124 mm × 3.124 mm × 0.78 mm, 0.4 mm ball pitch)
Bare chip


Similar Part No. - S1C17002

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17001 EPSON-S1C17001 Datasheet
114Kb / 6P
CMS 16-bit Single chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17002

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Epson Company
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
Low Power 16-bit Single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
Low Power 16-bit Single Chip Microcontroller
S1C17121 EPSON-S1C17121 Datasheet
156Kb / 3P
Low Power 16-bit Single Chip Microcontroller
S1C17601 EPSON-S1C17601 Datasheet
149Kb / 3P
Low Power 16-bit Single Chip Microcontroller
S1C17702 EPSON-S1C17702 Datasheet
150Kb / 3P
Low Power 16-bit Single Chip Microcontroller
S1C17704 EPSON-S1C17704 Datasheet
149Kb / 3P
Low Power 16-bit Single Chip Microcontroller
S1C17705 EPSON-S1C17705 Datasheet
183Kb / 4P
Low Power 16-bit Single Chip Microcontroller
S1C17706 EPSON-S1C17706 Datasheet
169Kb / 4P
Low Power 16-bit Single Chip Microcontroller
S1C17711 EPSON-S1C17711 Datasheet
118Kb / 4P
Low Power 16-bit Single Chip Microcontroller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com