Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17001 Datasheet(PDF) 6 Page - Epson Company

Part # S1C17001
Description  CMS 16-bit Single chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17001 Datasheet(HTML) 6 Page - Epson Company

  S1C17001 Datasheet HTML 1Page - Epson Company S1C17001 Datasheet HTML 2Page - Epson Company S1C17001 Datasheet HTML 3Page - Epson Company S1C17001 Datasheet HTML 4Page - Epson Company S1C17001 Datasheet HTML 5Page - Epson Company S1C17001 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
http://www.epson.jp/device/semicon_e
S1C17001
NOTICE:
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson. Seiko Epson
reserves the right to make changes to this material without notice. Seiko Epson does not assume any liability of any kind arising out of any
inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no representation that this material
is applicable to products requiring high level reliability, such as, medical products. Moreover, no license to any intellectual property rights is granted
by implication or otherwise, and there is no representation or warranty that anything made in accordance with this material will be free from any
patent or copyright infringement of a third party. This material or portions thereof may contain technology or the subject relating to strategic products
under the control of the Foreign Exchange and Foreign Trade Law of Japan and may require an export license from the Ministry of Economy, Trade
and Industry or other approval from another government agency.
© SEIKO EPSON CORPORATION 2008, All right reserved.
SEIKO EPSON CORPORATION
■ EPSON Electronic Devices Website
SEMICONDUCTOR OPERATIONS DIVISION
IC Sales Dept.
IC International Sales Group
Document code: 411207701
421-8, Hino, Hino-shi, Tokyo 191-8501, JAPAN
First issue September, 2007
Phone: +81-42-587-5814
FAX: +81-42-587-5117
Printed April, 2008 in Japan L
Dual-power supply system (LVDD
≠ HVDD)
P00~P03
P04 (REMI)
P05 (REMO)
P06 (EXCL2)
P07 (EXCL1)
P10~P12
P13 (FOUT1)
P14 (SDA)
P15 (SCL)
P16 (EXCL0)
P17 (#SPISS)
P20 (SDI)
P21 (SDO)
P22 (SPICLK)
P23 (SIN)
P24 (SOUT)
P25 (SCLK)
P26 (TOUT)
P27 (EXCL3)
P30 (FOUT3)
DSIO (P33)
DCLK (P31)
DST2 (P32)
S1C17001
[The potential of the substrate
(back of the chip) is VSS.]
HVDD
#TEST1–#TEST5
LVDD
#RESET
OSC3
OSC4
OSC1
OSC2
TEST0
VSS
ICD
or I/O
I/O
HVDD
10k
Cres
3.3 V
CPH
+
-
1.8 V
CPL
+
-
Rd3
Rd1
CD3
X'tal3 or CE
Rf3
CG3
CD1
X'tal1
Rf1
CG1
Recommended values for external parts
Symbol
X'tal1
CG1
CD1
Rf1
Rd1
X'tal3
CE
CG3
CD3
Rf3
Rd3
CP
Cres
Name
Crystal oscillator
Gate capacitor
Drain capacitor
Feedback resistor
Drain resistor
Crystal oscillator
Ceramic oscillator
Gate capacitor
Drain capacitor
Feedback resistor
Drain resistor
Capacitor for power supply
Capacitor for #RESET pin
Recommended value
32.768 kHz (MC-146, EPSON TOYOCOM)
7 pF
7 pF
10 M
Ω
0
Ω
8 MHz (CA-301, EPSON TOYOCOM)
0.2–8 MHz
27 pF
27 pF
1 M
Ω
0
Ω
3.3
μF
0.47
μF
Note: The above table is simply an example, and is not guaranteed to work.


Similar Part No. - S1C17001

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com