Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17001 Datasheet(PDF) 5 Page - Epson Company

Part # S1C17001
Description  CMS 16-bit Single chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17001 Datasheet(HTML) 5 Page - Epson Company

  S1C17001 Datasheet HTML 1Page - Epson Company S1C17001 Datasheet HTML 2Page - Epson Company S1C17001 Datasheet HTML 3Page - Epson Company S1C17001 Datasheet HTML 4Page - Epson Company S1C17001 Datasheet HTML 5Page - Epson Company S1C17001 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S1C17001
EPSON
5
■ BASIC EXTERNAL CONNECTION DIAGRAM
Single power supply system (LVDD = HVDD)
P00~P03
P04 (REMI)
P05 (REMO)
P06 (EXCL2)
P07 (EXCL1)
P10~P12
P13 (FOUT1)
P14 (SDA)
P15 (SCL)
P16 (EXCL0)
P17 (#SPISS)
P20 (SDI)
P21 (SDO)
P22 (SPICLK)
P23 (SIN)
P24 (SOUT)
P25 (SCLK)
P26 (TOUT)
P27 (EXCL3)
P30 (FOUT3)
DSIO (P33)
DCLK (P31)
DST2 (P32)
Recommended values for external parts
S1C17001
[The potential of the substrate
(back of the chip) is VSS.]
LVDD
HVDD
#TEST1–#TEST5
#RESET
OSC3
OSC4
OSC1
OSC2
TEST0
VSS
ICD
or I/O
I/O
HVDD
10k
Symbol
X'tal1
CG1
CD1
Rf1
Rd1
X'tal3
CE
CG3
CD3
Rf3
Rd3
CP
Cres
Name
Crystal oscillator
Gate capacitor
Drain capacitor
Feedback resistor
Drain resistor
Crystal oscillator
Ceramic oscillator
Gate capacitor
Drain capacitor
Feedback resistor
Drain resistor
Capacitor for power supply
Capacitor for #RESET pin
Recommended value
32.768 kHz (MC-146, EPSON TOYOCOM)
7 pF
7 pF
10 M
Ω
0
Ω
8 MHz (CA-301, EPSON TOYOCOM)
0.2–8 MHz
27 pF
27 pF
1 M
Ω
0
Ω
3.3
μF
0.47
μF
Rd3
Rd1
CD3
X'tal3 or CE
Rf3
CG3
CD1
X'tal1
Rf1
CG1
Cres
1.65 V
|
2.7 V
CP
+
-
Note: The above table is simply an example, and is not guaranteed to work.


Similar Part No. - S1C17001

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com