Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17001 Datasheet(PDF) 4 Page - Epson Company

Part # S1C17001
Description  CMS 16-bit Single chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17001 Datasheet(HTML) 4 Page - Epson Company

  S1C17001 Datasheet HTML 1Page - Epson Company S1C17001 Datasheet HTML 2Page - Epson Company S1C17001 Datasheet HTML 3Page - Epson Company S1C17001 Datasheet HTML 4Page - Epson Company S1C17001 Datasheet HTML 5Page - Epson Company S1C17001 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S1C17001
4
EPSON
■ PIN DESCRIPTION
No.
Pin name
I/O
Initial
Function
1
VSS
Power supply pin (GND)
2
#TEST1
I
I (Pull-UP) Test pin (fix at high during normal operation)
3
#TEST2
I
I (Pull-UP) Test pin (fix at high during normal operation)
4
#TEST3
I
I (Pull-UP) Test pin (fix at high during normal operation)
5
#TEST4
I
I (Pull-UP) Test pin (fix at high during normal operation)
6
#TEST5
I
I (Pull-UP) Test pin (fix at high during normal operation)
7
OSC3
I
I
OSC3 oscillation input pin (external clock may be input)
8
OSC4
O
O
OSC3 oscillation output pin
9
OSC1
I
I
OSC1 oscillation input pin (external clock may be input)
10
OSC2
O
O
OSC1 oscillation output pin
11
HVDD
Power supply pin (HVDD+)
12
VSS
Power supply pin (GND)
13
#TEST0
I
I (Pull-UP) Test pin (fix at high during normal operation)
14
#RESET
I
I (Pull-UP) Initial reset input pin
15
DSIO/P33
I/O
I (Pull-UP) On-chip debugger data I/O pin* or I/O port pin
16
DST2/P32
I/O
O (L)
On-chip debugger status output pin* or I/O port pin
17
DCLK/P31
I/O
O (H)
On-chip debugger clock output pin* or I/O port pin
18
P30/FOUT3
I/O
I (Pull-UP) I/O port pin* or OSC3 divider clock output pin
19
P27/EXCL3
I/O
I (Pull-UP) I/O port pin* or T16E external clock input pin
20
P26/TOUT
I/O
I (Pull-UP) I/O port pin* or T16E PWM signal output pin
21
P25/SCLK
I/O
I (Pull-UP) I/O port pin* or UART clock input pin
22
P24/SOUT
I/O
I (Pull-UP) I/O port pin* or UART data output pin
23
P23/SIN
I/O
I (Pull-UP) I/O port pin* or UART data input pin
24
P22/SPICLK
I/O
I (Pull-UP) I/O port pin* or SPI clock I/O pin
25
P21/SDO
I/O
I (Pull-UP) I/O port pin* or SPI data output pin
26
P20/SDI
I/O
I (Pull-UP) I/O port pin* or SPI data input pin
27
P17/#SPISS
I/O
I (Pull-UP) I/O port pin (with interrupt)* or SPI slave select input pin
28
P16/EXCL0
I/O
I (Pull-UP) I/O port pin (with interrupt)* or T16 Ch.0 external clock input pin
29
P15/SCL
I/O
I (Pull-UP) I/O port pin (with interrupt)* or I
2C clock output pin
30
P14/SDA
I/O
I (Pull-UP) I/O port pin (with interrupt)* or I
2C data I/O pin
31
P13/FOUT1
I/O
I (Pull-UP) I/O port pin (with interrupt)* or OSC1 clock output pin
32
P12
I/O
I (Pull-UP) I/O port pin (with interrupt)
33
P11
I/O
I (Pull-UP) I/O port pin (with interrupt)
34
P10
I/O
I (Pull-UP) I/O port pin (with interrupt)
35
P07/EXCL1
I/O
I (Pull-UP) I/O port pin (with interrupt)* or T16 Ch.1 external clock input pin
36
P06/EXCL2
I/O
I (Pull-UP) I/O port pin (with interrupt)* or T16 Ch.2 external clock input pin
37
P05/REMO
I/O
I (Pull-UP) I/O port pin (with interrupt)* or Remote control signal output pin
38
P04/REMI
I/O
I (Pull-UP) I/O port pin (with interrupt)* or Remote control signal input pin
39
P03
I/O
I (Pull-UP) I/O port pin (with interrupt)
40
HVDD
Power supply pin (HVDD+)
41
VSS
Power supply pin (GND)
42
P02
I/O
I (Pull-UP) I/O port pin (with interrupt)
43
P01
I/O
I (Pull-UP) I/O port pin (with interrupt)
44
P00
I/O
I (Pull-UP) I/O port pin (with interrupt)
45
LVDD
Power supply pin (LVDD+)
46
VSS
Power supply pin (GND)
47
LVDD
Power supply pin (LVDD+)
48
VSS
Power supply pin (GND)
Note: The pin names described in boldface type and description with ‘*’ are default settings.


Similar Part No. - S1C17001

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com