Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17001 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17001
Description  CMS 16-bit Single chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17001 Datasheet(HTML) 2 Page - Epson Company

  S1C17001 Datasheet HTML 1Page - Epson Company S1C17001 Datasheet HTML 2Page - Epson Company S1C17001 Datasheet HTML 3Page - Epson Company S1C17001 Datasheet HTML 4Page - Epson Company S1C17001 Datasheet HTML 5Page - Epson Company S1C17001 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S1C17001
2
EPSON
■ BLOCK DIAGRAM
CPU Core S1C17
Internal RAM
(2K bytes)
8-bit timer
16-bit timer
Prescaler
Clock timer
Watchdog timer
Remote controller
MISC register
Internal ROM
(32K bytes)
DCLK, DST2,
DSIO(P31–33)
REMI(P04),
REMO(P05)
P00–07, P10–17,
P20–27, P30–33
EXCL0–2
(P16, P07, P06)
SIN, SOUT, SCLK
(P23–25)
SDI, SDO, SPICLK
(P20–22)
I/O 2 (0x5000–)
Interrupt controller
UART
SPI
I2C
SDA, SCL
(P14–15)
I/O 1 (0x4000–)
I/O port/
I/O MUX
#TEST0–5
Reset circuit
Test circuit
#RESET
Oscillator/
Clock generator
Stopwatch timer
PWM & capture
timer
8-bit OSC1 timer
OSC1–2, OSC3–4
FOUT1(P13),
FOUT3(P30)
EXCL3(P27),
TOUT(P26)


Similar Part No. - S1C17001

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com