Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17001 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17001
Description  CMS 16-bit Single chip Microcontroller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17001 Datasheet(HTML) 1 Page - Epson Company

  S1C17001 Datasheet HTML 1Page - Epson Company S1C17001 Datasheet HTML 2Page - Epson Company S1C17001 Datasheet HTML 3Page - Epson Company S1C17001 Datasheet HTML 4Page - Epson Company S1C17001 Datasheet HTML 5Page - Epson Company S1C17001 Datasheet HTML 6Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S1C17001
SEIKO EPSON CORPORATION
CMOS 16-bit Single Chip Microcontroller
● Low Power MCU (operating voltage 1.8 V, 0.5 μA/SLEEP, 2.5 μA/HALT)
● S1C17 High Performance 16-bit RISC CPU Core with C Optimized
Compact Code and Serial ICE Support
● Infrared Remote Controller with Carrier Generator
● 32K-Byte ROM and 2K-Byte RAM
■ DESCRIPTIONS
The S1C17001 is a 16-bit MCU that features high-speed operation, low power consumption, small size, large address
space, and on-chip ICE. The S1C17001 consists of an S1C17 CPU Core, a 32K-byte ROM, a 2K-byte RAM, serial
interface modules (UART that supports high bit rate and IrDA 1.0, SPI and I
2C) for connecting various sensor modules,
8-bit timers, 16-bit timers, a PWM & capture timer, a clock timer, a stopwatch timer, a watchdog timer and 28 GPIO ports.
The S1C17001 is capable of high-speed operation (8.2 MHz) with low operating voltage (1.8 V). Its 16-bit RISC
processor executes one instruction in one clock cycle. The S1C17001 also provides an on-chip ICE function that allows
on-board debugging and evaluating the program by connecting the S1C17001 to the ICD Mini (S5U1C17001H) or ICD
board with only three wires.
■ FEATURES
● CPU ................................................. • Seiko Epson original 16-bit RISC CPU core S1C17
● Main (OSC3) oscillator .................. • Crystal/ceramic oscillator or external clock input 8.2 MHz (max.)
● Sub (OSC1) oscillator.................... • Crystal oscillator or external clock input 32.768 kHz (typ.)
● On-chip ROM.................................. • 32K bytes
● On-chip RAM .................................. • 2K bytes
● I/O ports ......................................... • Max. 28 general-purpose I/O ports (Pins are shared with the peripheral I/O.)
● Serial interfaces............................. • SPI (master/slave)
1 ch.
• I
2C (master)
1 ch.
• UART (with IrDA 1.0)
1 ch.
• Remote controller (REMC)
1 ch.
● Timers ............................................. • 8-bit timer (T8F)
1 ch.
• 16-bit timer (T16)
3 ch.
• PWM & capture timer (T16E)
1 ch.
• Clock timer (CT)
1 ch.
• Stopwatch timer (SWT)
1 ch.
• Watchdog timer (WDT)
1 ch.
• 8-bit OSC1 timer (T8OSC1)
1 ch.
● Interrupts ........................................ • Reset
• NMI
• 14 hardware interrupts (8 levels)
● Power supply voltage .................... • Core voltage (LVDD)
1.65 V to 2.7 V
• I/O voltage (HVDD)
1.65 V to 3.6 V
● Operating temperature .................. • -40°C to 85°C
● Current consumption (typ.)........... • SLEEP state:0.5 μA
• HALT state: 2.5 μA
(32 kHz)
• Run state:
10 μA
(32 kHz)
1800 μA (8 MHz)
● Shipping form ................................. • WCSP-48pin plastic package
● Flash memory model for
developing mask ROM code......... • S1C17704


Similar Part No. - S1C17001

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17002 EPSON-S1C17002 Datasheet
171Kb / 4P
   Low Power 16-bit single Chip Microcontroller
S1C17003 EPSON-S1C17003 Datasheet
167Kb / 2P
   Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com