Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17F13 Datasheet(PDF) 3 Page - Epson Company

Part # S1C17F13
Description  16-bit Single Chip Microcontroller for Active EPD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17F13 Datasheet(HTML) 3 Page - Epson Company

  S1C17F13 Datasheet HTML 1Page - Epson Company S1C17F13 Datasheet HTML 2Page - Epson Company S1C17F13 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
S1C17F13
BLOCK DIAGRAM
CPU core & debugger
(S1C17)
Internal RAM
6K bytes
Internal RAM
14K bytes
Flash memory
128K bytes
OSC3B
oscillator
OSC1B
oscillator
OSC1A
oscillator
OSC3A
oscillator
EXOSC
Input circuit
Power-on reset
(POR)
Brownout reset
(BOR)
Power generator
(PWG)
Interrupt
controller
(ITC)
I/O port
(PPORT)
Watchdog timer
(WDT)
Clock timer
(CT)
Real-time clock
(RTC)
Theoretical
Regulation
(TR)
Supply voltage
detector
(SVD)
16-bit timer
(T16)
Ch.0-3
16-bit PWM timer
(T16A3)
Ch.0-1
UART
(UART)
EPD timing
controller
(EPD Tcon)
Synchro-
nous serial
interface
(SPI) Ch.1
Parallel
interface
(PIO)
Synchronous
Serial interface
(SPI)
Ch.0, 2
I2C
(I2C)
R/F converter
(RFC)
Ch.0-1
Temperature
detection circuit
(TEM)
16-bit Internal bus
Clock generator
(CLG)
System reset controller
(SRC)
MICRODEVICES OPERATIONS DIVISION
IC Sales & Marketing Department
421-8 Hino, Hino-shi, Tokyo 191-8501, JAPAN
Phone: +81-42-587-5814
FAX: +81-42-587-5117
http://www.epson.jp/device/semicon_e/
EPSON semiconductor website
Document code: 412501500
First issue Feb., 2013 in Japan
NOTICE:
No part of this material may be reproduced or duplicated in any form or by any means without the written permission of Seiko Epson.
Seiko
Epson reserves the right to make changes to this material without notice.
Seiko Epson does not assume any liability of any kind arising out
of any inaccuracies contained in this material or due to its application or use in any product or circuit and, further, there is no representation
that this material is applicable to products requiring high level reliability, such as, medical products.
Moreover, no license to any intellectual
property rights is granted by implication or otherwise, and there is no representation or warranty that anything made in accordance with this
material will be free from any patent or copyright infringement of a third party. When exporting the products or technology described in this
material, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and
regulations. You are requested not to use, to resell, to export and/or to otherwise dispose of the products (and any technical information
furnished, if any) for the development and/or manufacture of weapon of mass destruction or for other military purposes.
All brands or product names mentioned herein are trademarks and/or registered trademarks of their respective companies.
©Seiko Epson Corporation 2013, All rights reserved
32-bit RAM bus
32-bit RAM bus
Instruction bus
Interrupt request
System clock
DCLK
DSIO
DST2
FOUT
OSC1
OSC2
OSC3
OSC4
EXOSC
#RESET
VDD
VSS
VD1
VOSC
VPP
C1N,C1P ,C1H
C2N,C2P
IREF_M
USOUT0
USIN0
TOUTB0/CAPB0-1
TOUTA0/CAPA0-1
EXCL0-1
EXSVD
P00-07,
P10-17,
P20-27,
P30-37,
P40-41,
PD0-D2
REGMON
Interrupt signal
SDI1
SDO1
SPICLK1
#SPISS1
PIOA[7:0]
PIOD[7:0]
#PIOCE
#PIORD
#PIOWR
SDI0, 2
SDO0, 2
SPICLK0, 2
#SPISS0, 2
SDA0
SCL0
RFIN0-1
REF0-1
SENA0-1
SENB0-1
RFCLKO0-1
VM1-2
Internal RAM
6K bytes
CPU core & debugger
(S1C17)
Internal RAM
14K bytes
Flash memory
128K bytes
OSC3B
oscillator
OSC1B
oscillator
OSC1A
oscillator
OSC3A
oscillator
EXOSC
Input circuit
Power-on reset
(POR)
Brownout reset
(BOR)
Power generator
(PWG)
Interrupt
controller
(ITC)
I/O port
(PPORT)
Watchdog timer
(WDT)
Clock timer
(CT)
Real-time clock
(RTC)
Theoretical
Regulation
(TR)
Supply voltage
detector
(SVD)
16-bit timer
(T16)
Ch.0-3
16-bit PWM timer
(T16A3)
Ch.0-1
UART
(UART)
EPD timing
controller
(EPD Tcon)
Synchro-
nous serial
interface
(SPI) Ch.1
Parallel
interface
(PIO)
Synchronous
Serial interface
(SPI)
Ch.0, 2
I2C
(I2C)
R/F converter
(RFC)
Ch.0-1
Temperature
detection circuit
(TEM)
16-bit Internal bus
Clock generator
(CLG)
System reset controller
(SRC)
bit RAM bus
32-bit RAM bus
Instruction bus
Interrupt request
System clock
DCLK
DSIO
DST2
FOUT
OSC1
OSC2
OSC3
OSC4
EXOSC
#RESET
VDD
VSS
VD1
VOSC
VPP
C1N,C1P ,C1H
C2N,C2P
IREF_M
USOUT0
USIN0
TOUTB0/CAPB0-1
TOUTA0/CAPA0-1
EXCL0-1
EXSVD
P00-07,
P10-17,
P20-27,
P30-37,
P40-41,
PD0-D2
REGMON
Interrupt signal
SDI1
SDO1
SPICLK1
#SPISS1
PIOA[7:0]
PIOD[7:0]
#PIOCE
#PIORD
#PIOWR
SDI0, 2
SDO0, 2
SPICLK0, 2
#SPISS0, 2
SDA0
SCL0
RFIN0-1
REF0-1
SENA0-1
SENB0-1
RFCLKO0-1
VM1-2
32-
Seiko Epson Corporation
3


Similar Part No. - S1C17F13

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17F13

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com