Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17F13 Datasheet(PDF) 2 Page - Epson Company

Part # S1C17F13
Description  16-bit Single Chip Microcontroller for Active EPD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17F13 Datasheet(HTML) 2 Page - Epson Company

  S1C17F13 Datasheet HTML 1Page - Epson Company S1C17F13 Datasheet HTML 2Page - Epson Company S1C17F13 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S1C17F13
Configurable as the communication interface for EPD Tcon
Timers
1 channel
Watchdog timer (WDT)
Generates NMI or watchdog timer reset.
4 channels
16-bit timer (T16)
Generates the SPI master clocks. (Ch.1 to Ch.3)
1 channel
Clock timer (CT)
128–1 Hz counter
Real-time clock (RTC)
Hour, minute, and second counters
Time adjustment function in -31/32,768 to +32/32,768 second units (applied to T16A3, CT,
and RTC clocks)
Theoretical regulation function (TR)
Supports correction value alteration according to temperature variations.
2 channels
16-bit PWM timer (T16A3)
PWM output, event counter, and count capture functions
Supply voltage detector (SVD)
Detection level
19 values (1.8 to 3.6 V)
Intermittent operation mode
Other
Generates an interrupt or reset according to the detection level evaluation.
R/F converter (RFC)
Conversion method
CR oscillation type with 24-bit counters
Number of conversion channels
2 channels (Up to four sensors can be connected.)
Supported sensors
DC-bias resistive sensors and AC-bias resistive sensors
Temperature detection circuit (TEM)
Resolution/accuracy
1 °C steps, ±5 °C accuracy
Reset
#RESET pin
Reset when the reset pin is set to low.
Power-on reset
Reset at power-on.
Brownout reset
Reset when brownout (VDD = 1.45 V typ.) is detected.
Key entry reset
Reset when the P00 to P01/P02/P03 keys are pressed simultaneously (can be enabled/
disabled using a register).
Watchdog timer reset
Reset when the watchdog timer overflows (can be enabled/disabled using a register).
Supply voltage detector reset
Reset when the supply voltage detector detects the set voltage level (can be enabled/
disabled using a register).
Interrupt
Non-maskable interrupt
4 systems (Reset, address misaligned interrupt, debug, NMI)
External interrupt: 1 system (8 levels)
Programmable interrupt
Internal interrupt: 19 systems (8 levels)
Power supply voltage
VDD operating voltage
2.0 to 3.6 V
Operating temperature
Operating temperature range
-20 to 70 °C
Current consumption
SLEEP mode
0.35
μA
OSC1 = OFF, RTC = OFF, OSC3B = OFF, OSC3A = OFF
0.78
μA
OSC1 = 32 kHz (OSC1A), RTC = OFF, OSC3B = OFF, OSC3A = OFF
HALT mode
0.80
μA
OSC1 = 32 kHz (OSC1A), RTC = ON, OSC3B = OFF, OSC3A = OFF
11.9
μA
OSC1 = 32 kHz (OSC1A), RTC = OFF, OSC3B = OFF, OSC3A = OFF
5.43 mA
OSC1 = OFF, RTC = OFF, OSC3B = OFF, OSC3A = 20 MHz ceramic
RUN mode
5.5 mA
OSC1 = OFF, RTC = OFF, OSC3B = 20 MHz, OSC3A = OFF
Shipping form
1
TQFP13-64pin (Lead pitch: 0.5 mm)
2
Chip (Pad pitch: 90
μm)
*1 When using the EPD timing controller (EPD Tcon), an area for storing the timing parameters must be allocated in the Flash memory.
When using the internal Flash voltage booster as the Flash programing power supply, an area for storing the control program must be
allocated in the Flash memory.
2
Seiko Epson Corporation


Similar Part No. - S1C17F13

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17F13

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com