Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1C17F13 Datasheet(PDF) 1 Page - Epson Company

Part # S1C17F13
Description  16-bit Single Chip Microcontroller for Active EPD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1C17F13 Datasheet(HTML) 1 Page - Epson Company

  S1C17F13 Datasheet HTML 1Page - Epson Company S1C17F13 Datasheet HTML 2Page - Epson Company S1C17F13 Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
S1C17F13
16-bit Single Chip Microcontroller for Active EPD
■ DESCRIPTIONS
The S1C17F13 is an ultra low-power MCU equipped with a display memory and an EPD timing controller to
send display data for using the active EPD panels. This IC includes the synchronous serial interface, parallel
interface, UART, and I2C to communicate with an EPD panel and other devices. This IC allows measurement of
various environmental conditions such as a temperature and humidity measurement using the R/F converter,
and a supply voltage measurement using the supply voltage detector and brownout reset circuits.
FEATURES
CPU
CPU core
Seiko Epson original 16-bit RISC CPU core S1C17
16-bit × 16-bit multiplier
16-bit × 16-bit + 32-bit multiply and accumulation unit
Multiplier/Divider (COPRO)
16-bit ÷ 16-bit divider
Other
On-chip debugger
Embedded Flash memory
Capacity
128K bytes (for both instructions and data) *1
Erase/program count
50 times (min.) * Programming by the debugging tool ICDmini
Security function to protect from reading/programming by ICDmini
On-board programming function using ICDmini
Other
Embedded Flash voltage booster to generate the Flash erasing/programming voltage
Embedded RAM
6K bytes (area accessed by CPU only)
Capacity
14K bytes (area accessed by CPU and EPD Tcon)
Clock generator (CLG)
System clock source
5 sources (OSC3B, OSC3A, OSC1B, OSC1A, and EXOSC)
System clock frequency (operating
frequency)
20 MHz (max.)
OSC3B internal high-speed oscillator circuit
(boot clock source)
20/16/12/8 MHz (typ.) selectable via software
OSC1B internal low-speed oscillator circuit
32 kHz (typ.)
OSC3A high-speed oscillator circuit
20 MHz (max.) crystal or ceramic oscillator circuit
OSC1A low-speed oscillator circuit
32.768 kHz (typ.) crystal oscillator circuit
EXOSC clock input
20 MHz (max.) square or sine wave input
Configurable system clock division ratio
Configurable system clock (except for OSC1A and OSC1B) used at wake up from SLEEP
state
Other
Operating clock frequency for the CPU and all peripheral circuits is selectable.
I/O port (PPORT)
Number of general-purpose I/O ports
37 bits (max.) (Pins are shared with the peripheral I/O.)
Number of input interrupt ports
8 bits
All pins contain a pull-up/down resistor that can be enabled/disabled via software
Other
16 bits contain an interrupt function and a chattering filter function.
Display control
Controls display on the active-matrix EPD via the embedded SPI or PIO.
Includes a display data read function from the embedded RAM (area for both CPU and
EPD Tcon).
EPD timing controller (EPD Tcon)
Can be controlled with the dedicated API library.
Communication interfaces
1 channel
IrDA1.0 supported
UART (UART)
Embedded baud-rate generator
3 channels
Synchronous serial interface (SPI)
Configurable as the communication interface for EPD Tcon (SPI Ch.1)
1 channel
Master and slave operations supported
I
2C (I2C)
Embedded baud-rate generator
Address length: 8 bits (max.)
Data width: 8 bits (max.)
Parallel interface (PIO)
Control signals: #CE, #RD, #WR


Similar Part No. - S1C17F13

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1C17F57 EPSON-S1C17F57 Datasheet
116Kb / 3P
Low Power 16-bit Single Chip Microcontroller
More results

Similar Description - S1C17F13

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
16-bit Single Chip Microcontroller
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
16-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com