Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC374 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74HC374
Description  3-STATE Octal D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC374 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74HC374 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 1983
Revised February 1999
© 1999 Fairchild Semiconductor Corporation
DS005336.prf
www.fairchildsemi.com
MM74HC374
3-STATE Octal D-Type Flip-Flop
General Description
The MM74HC374 high speed Octal D-Type Flip-Flops uti-
lize advanced silicon-gate CMOS technology. They pos-
sess the high noise immunity and low power consumption
of standard CMOS integrated circuits, as well as the ability
to drive 15 LS-TTL loads. Due to the large output drive
capability and the 3-STATE feature, these devices are ide-
ally suited for interfacing with bus lines in a bus organized
system.
These devices are positive edge triggered flip-flops. Data
at the D inputs, meeting the setup and hold time require-
ments, are transferred to the Q outputs on positive going
transitions of the CLOCK (CK) input. When a high logic
level is applied to the OUTPUT CONTROL (OC) input, all
outputs go to a high impedance state, regardless of what
signals are present at the other inputs and the state of the
storage elements.
The 74HC logic family is speed, function, and pinout com-
patible with the standard 74LS logic family. All inputs are
protected from damage due to static discharge by internal
diode clamps to VCC and ground.
Features
s Typical propagation delay: 20 ns
s Wide operating voltage range: 2–6V
s Low input current: 1
µA maximum
s Low quiescent current: 80
µA maximum
s Compatible with bus-oriented systems
s Output drive capability: 15 LS-TTL loads
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Pin Assignments for DIP, SOIC, SOP and TSSOP
Top View
Truth Table
H
= HIGH Level
L
= LOW Level
X
= Don't Care
↑ = Transition from LOW-to-HIGH
Z
= High Impedance State
Q0 = The level of the output before steady state input conditions were
established
Order Number
Package Number
Package Description
MM74HC374WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide
MM74HC374SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
MM74HC374MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
MM74HC374N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Output
Clock
Data
Output
Control
L
HH
L
LL
LL
X
Q0
HX
X
Z


Similar Part No. - MM74HC374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HC374MTC FAIRCHILD-MM74HC374MTC Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374MTC ONSEMI-MM74HC374MTC Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HC374N FAIRCHILD-MM74HC374N Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
More results

Similar Description - MM74HC374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com