Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC374 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74HC374
Description  3-STATE Octal D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HC374 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74HC374 Datasheet HTML 1Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 2Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 3Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 4Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 5Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 6Page - Fairchild Semiconductor MM74HC374 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
VCC = 5V, TA = 25°C, tr = tf = 6 ns
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
fMAX
Maximum Operating
50
35
MHz
Frequency
tPHL, tPLH
Maximum Propagation
CL=45 pF
20
32
ns
Delay Clock to Q
tPZH, tPZL
Maximum Output Enable
RL= kΩ
Time
CL=45 pF
19
28
ns
tPHZ, tPLZ
Maximum Output Disable
RL= kΩ
17
25
ns
Time
CL=5 pF
tS
Minimum Setup Time
20
ns
tH
Minimum Hold Time
5ns
tW
Minimum Pulse Width
9
16
ns


Similar Part No. - MM74HC374

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HC374MTC FAIRCHILD-MM74HC374MTC Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HC374MTC ONSEMI-MM74HC374MTC Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HC374N FAIRCHILD-MM74HC374N Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
More results

Similar Description - MM74HC374

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HC374 ONSEMI-MM74HC374 Datasheet
209Kb / 10P
   3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Integral Corp.
IN74VHCT374 INTEGRAL-IN74VHCT374 Datasheet
309Kb / 8P
   Octal D-type flip-flop (3-state)
logo
KODENSHI_AUK CORP.
KK74VHCT374 KODENSHI-KK74VHCT374 Datasheet
324Kb / 8P
   Octal D-type flip-flop (3-state)
logo
IK Semicon Co., Ltd
IN74VHCT374 IKSEMICON-IN74VHCT374 Datasheet
312Kb / 8P
   Octal D-type flip-flop (3-state)
logo
Texas Instruments
CD74AC574M TI-CD74AC574M Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HC374 FAIRCHILD-MM74HC374_05 Datasheet
102Kb / 8P
   3-STATE Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT574A PHILIPS-74ABT574A Datasheet
50Kb / 11P
   Octal D-type flip-flop 3-State
1995 May 22
logo
Texas Instruments
CD74AC574 TI-CD74AC574_13 Datasheet
1Mb / 17P
[Old version datasheet]   Octal D-Type Flip-Flop, 3-State
logo
Fairchild Semiconductor
MM74HCT373 FAIRCHILD-MM74HCT373 Datasheet
108Kb / 9P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
MM74C373 FAIRCHILD-MM74C373 Datasheet
127Kb / 11P
   3-STATE Octal D-Type Latch . 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com