Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C901N Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # MM74C901N
Description  Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C901N Datasheet(HTML) 1 Page - Fairchild Semiconductor

  MM74C901N Datasheet HTML 1Page - Fairchild Semiconductor MM74C901N Datasheet HTML 2Page - Fairchild Semiconductor MM74C901N Datasheet HTML 3Page - Fairchild Semiconductor MM74C901N Datasheet HTML 4Page - Fairchild Semiconductor MM74C901N Datasheet HTML 5Page - Fairchild Semiconductor MM74C901N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 1987
Revised January 1999
© 1999 Fairchild Semiconductor Corporation
DS005909.prf
www.fairchildsemi.com
MM74C901 • MM74C902
Hex Inverting TTL Buffer •
Hex Non-Inverting TTL Buffer
General Description
The MM74C901 and MM74C902 hex buffers employ com-
plementary MOS to achieve wide supply operating range,
low power consumption, and high noise immunity. These
buffers provide direct interface from PMOS into CMOS or
TTL and direct interface from CMOS to TTL or CMOS
operating at a reduced VCC supply.
Features
s Wide supply voltage range:
3.0V to 15V
s Guaranteed noise margin: 1.0V
s High noise immunity: 0.45 VCC (typ.)
s TTL compatibility: Fan out of 2 driving standard TTL
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
Pin Assignments for DIP and SOIC
MM74C901
Top View
MM74C902
Top View
Logic Diagrams
MM74C901
CMOS to TTL Inverting Buffer
MM74C902
CMOS to TTL Buffer
Order Number
Package Number
Package Description
MM74C901M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C901N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.300” Wide
MM74C902M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150” Narrow
MM74C902N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.300” Wide


Similar Part No. - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results

Similar Description - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com