Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74C901N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MM74C901N
Description  Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74C901N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MM74C901N Datasheet HTML 1Page - Fairchild Semiconductor MM74C901N Datasheet HTML 2Page - Fairchild Semiconductor MM74C901N Datasheet HTML 3Page - Fairchild Semiconductor MM74C901N Datasheet HTML 4Page - Fairchild Semiconductor MM74C901N Datasheet HTML 5Page - Fairchild Semiconductor MM74C901N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
AC Electrical Characteristics (Note 2)
TA = 25°C, CL = 50 pF, unless otherwise noted
Note 2: AC Parameters are guaranteed by DC correlated testing.
Note 3: Capacitance is guaranteed by periodic testing.
Note 4: CPD determines the no load AC power consumption of any CMOS device. For complete explanation see Family Characteristics application note
AN-90.
Typical Application
CMOS to TTL or CMOS at a Lower VCC
Note: VCC1 = VCC2
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I SOURCE
Output Source Current
V CC = 5.0V, VOUT = 0V
−5.0
mA
(P-Channel)
T A = 25°C, VIN = VCC
I SOURCE
Output Source Current
V CC = 10V, VOUT = 0V
−20
mA
(P-Channel)
T A = 25°C, VIN = VCC
I SINK
Output Sink Current
V CC = 5.0V, VOUT = VCC
9.0
mA
(N-Channel)
T A = 25°C, VIN = 0V
I SINK
Output Sink Current
V CC = 5.0V, VOUT = 0.4V
3.8
mA
(N-Channel)
T A = 25°C, VIN = 0V
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM74C901
t pd1
Propagation Delay Time
V CC = 5.0V
38
70
ns
to a Logical “1”
V CC = 10V
22
30
ns
t pd0
Propagation Delay Time
V CC = 5.0V
21
35
ns
to a Logical “0”
V CC = 10V
13
20
ns
C IN
Input Capacitance
Any Input (Note 3)
14
pF
C PD
Power Dissipation Capacity
Per Buffer (Note 4)
30
pF
MM74C902
t pd1
Propagation Delay Time
V CC = 5.0V
57
90
ns
to a Logical “1”
V CC = 10V
27
40
ns
t pd0
Propagation Delay Time
V CC = 5.0V
54
90
ns
to a Logical “0”
V CC = 10V
25
40
ns
C IN
Input Capacitance
Any Input (Note 3)
5.0
pF
C PD
Power Dissipation Capacity
Per Buffer (Note 4)
50
pF


Similar Part No. - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
More results

Similar Description - MM74C901N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
   Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Rochester Electronics
CD4049 ROCHESTER-CD4049 Datasheet
506Kb / 7P
   CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
   HEX BUFFER/CONVERTER (NON INVERTING)
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
   HEX BUFFER/CONVERTER (NON INVERTING)
logo
ON Semiconductor
NLU1GT50 ONSEMI-NLU1GT50_16 Datasheet
157Kb / 9P
   Single Buffer, Non-Inverting, TTL Level
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com