Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
DC Electrical Specifications
Over recommended operating conditions (TA = -55° C to +125° C, VIN+ = 0 V, VIN– = 0 V, VDD1 = 5 V and VDD2 = 5 V, unless
otherwise specified).
Parameter
Symbol
Group A[12]
Subgroups
Min.
Typ.*
Max.
Units
Test Conditions
Fig.
Note
Input Offset
Voltage
VOS
1, 2 ,3
-1.0
0.6
5.0
mV
4.5 V ≤ (VDD1, VDD2)
≤ 5.5 V
1, 2, 3
2
Gain
G
2, 3
7.36
8.00
8.64
V/V
-200 mV ≤ VIN+ ≤ 200 mV,
4.5 V ≤ (VDD1, VDD2) ≤ 5.5 V
5, 6, 7
1
7.60
8.00
8.4
200 mV
Nonlinearity
NL200
2, 3
0.05
0.8
%
-200 mV ≤ VIN+ ≤ 200 mV,
4.5 V ≤ (VDD1, VDD2) ≤ 5.5 V
5, 8, 9,
10, 12
3
1
0.05
0.2
100 mV
Nonlinearity
NL100
2, 3
0.01
0.2
-100 mV ≤ VIN+ ≤ 100 mV,
4.5 V ≤ (VDD1, VDD2) ≤ 5.5 V
5, 8, 9,
11, 12
1
0.01
0.1
Output
Common-Mode
Voltage
VOCM
1, 2, 3
2.20
2.56
2.80
V
-400 mV ≤ VIN+ ≤ 400 mV,
4.5 V ≤ (VDD1, VDD2) ≤ 5.5 V
Input Supply
Current
IDD1
1, 2, 3
10.7
15.5
mA
14,17
Output Supply
Current
IDD2
1, 2, 3
9.4
17
mA
15,17
Input-Output
Insulation
Leakage
Current
II–O
1
1.0
A
RH ≤ 65%, t = 5 sec.
VI–O = 1500 Vdc,
TA = 25° C
11
Maximum Input
Voltage Before
Output Clipping
|VIN+|
MAX
320
mV
4, 12
Average Input
Bias Current
IIN
-0.57
A
13
4
Average Input
Resistance
RIN
480
k
Input DC
Common-Mode
Rejection Ratio
CMRRIN
69
dB
5
Output
Resistance
RO
1
Output Low
Voltage
VOL
1.28
V
VIN+ = 400 mV
4
6
Output High
Voltage
VOH
3.84
V
VIN+ = -400 mV
Output Short-
Circuit Current
|IOSC|11
mA
VOUT = 0 V or VDD2
7
Resistance
(Input-Output)
RI–O
1012
VI–O = 500 Vdc
11
Capacitance
(Input–Output)
CI–O
2.7
pF
f = 1 MHz
VI–O = 0 Vdc
*
All typicals are at the nominal operating conditions of VIN+ = 0 V, VIN– = 0 V, TA = 25˚ C, VDD1 = 5 V and VDD2 = 5 V.


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com