Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Outline Drawing
Hermetic Optocoupler Options
Option
Description
100
Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on
commercial and hi-rel product in 8 pin DIP (see drawings below for details).
0.51 (0.020)
MIN.
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
2.29 (0.090)
2.79 (0.110)
1.14 (0.045)
1.40 (0.055)
0.20 (0.008)
0.33 (0.013)
7.36 (0.290)
7.87 (0.310)
200
Lead finish is solder dipped rather than gold plated. This option is available on commercial and hi-rel product in 8 pin DIP.
DLA Drawing part numbers contain provisions for lead finish.
300
Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is available on
commercial and hi-rel product in 8 pin DIP (see drawings below for details). This option has solder dipped leads.
5° MAX.
0.51 (0.020)
MIN.
4.57 (0.180)
MAX.
4.57 (0.180)
MAX.
0.51 (0.020)
MAX.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
2.29 (0.090)
2.79 (0.110)
1.40 (0.055)
1.65 (0.065)
0.20 (0.008)
0.33 (0.013)
9.65 (0.380)
9.91 (0.390)
1.07 (0.042)
1.32 (0.052)
Solder contains lead.
0.51 (0.020)
MIN.
8.13 (0.320)
MAX.
4.32 (0.170)
MAX.
0.51 (0.020)
MAX.
3.81 (0.150)
MIN.
NOTE: DIMENSIONS IN MILLIMETERS (INCHES).
9.40 (0.370)
9.91 (0.390)
0.76 (0.030)
1.27 (0.050)
2.29 (0.090)
2.79 (0.110)
7.16 (0.282)
7.57 (0.298)
0.20 (0.008)
0.33 (0.013)
7.36 (0.290)
7.87 (0.310)


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com