Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
Post-Amplifier Circuit
The recommended application circuit (Figure 24) includes
a post-amplifier circuit that serves three functions: to
reference the output signal to the desired level (usually
ground), to amplify the signal to appropriate levels, and
to help filter output noise. The particular op-amp used in
the post-amp is not critical; however, it should have low
enough offset and high enough bandwidth and slew rate
so that it does not adversely affect circuit performance.
The offset of the op-amp should be low relative to the
output offset of the HCPL-7850, or less than about 5 mV.
To maintain overall circuit bandwidth, the post-amplifier
circuit should have a bandwidth at least twice the
minimum bandwidth of the isolation amplifier, or about
200 kHz. To obtain a bandwidth of 200 kHz with a gain
of 5, the op-amp should have a gain-bandwidth greater
than 1 mHz. The post-amplifier circuit includes a pair of
capacitors (C5 and C6) that form a single-pole low-pass
filter. These capacitors allow the bandwidth of the
post-amp to be adjusted independently of the gain and
are useful for reducing the output noise from the isolation
amplifier (doubling the capacitor values halves the circuit
bandwidth). The component values shown in Figure 24
form a differential amplifier with a gain of 5 and a cutoff
frequency of approximately 100 kHz, and were chosen
as a compromise between low noise and fast response
times. The overall recommended application circuit has a
bandwidth of 66 kHz, a rise time of 5.2
s and a delay to
90% of 8.5
s.
The gain-setting resistors in the post-amp should have a
tolerance of 1% or better to ensure adequate CMRR and
gain tolerance for the overall circuit. Resistor networks
with even better ratio tolerances can be used which
offer better performance, as well as reducing the total
component count and board space.
The post-amplifier circuit can be easily modified to allow
for single-supply operation. Figure 25 shows a schematic
for a post amplifier for use in 5 V single supply applica-
tions. One additional resistor is needed and the gain is
decreased to 1 to allow circuit operation over the full input
voltage range. See Application Note 1078, Designing with
Avago Technologies Isolation Amplifiers, for more infor-
mation on the post-amplifier circuit.
Other Information
As mentioned above, reducing the bandwidth of the
post amplifier circuit reduces the amount of output
noise. Figure 22 shows how the output noise changes
as a function of the post-amplifier bandwidth. The post-
amplifier circuit exhibits a first-order low-pass filter char-
acteristic. For the same filter bandwidth, a higher-order
filter can achieve even better attenuation of modula-
tion noise due to the second-order noise shaping of the
sigma-delta modulator. For more information on the noise
characteristics of the HCPL-7850, see Application Note
1078, Designing with Avago Technologies Isolation
Amplifiers.
The HCPL-7850 can also be used to isolate signals with
amplitudes larger than its recommended input range
through the use of a resistive voltage divider at its input.
The only restrictions are that the impedance of the divider
be relatively small (less than 1 K
 so that the input
resistance (480 K
) and input bias current (0.6 A) do
not affect the accuracy of the measurement. An input
bypass capacitor is still required, although the 68
 series
damping resistor is not. (The resistance of the voltage
divider provides the same function.) The low pass filter
formed by the divider resistance and the input bypass
capacitor may limit the achievable bandwidth.


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com