Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 14 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 14 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Shunt Resistor Selections
The current-sensing shunt resistor should have low re-
sistance (to minimize power dissipation), low inductance
(to minimize di/dt induced voltage spikes which could
adversely affect operation), and reasonable tolerance (to
maintain overall circuit accuracy). The value of the shunt
should be chosen as a compromise between minimizing
power dissipation by making the shunt resistance smaller
and improving circuit accuracy by making it larger and
utilizing the full input range of the HCPL-7850. Avago
Technologies recommends four different shunts which
can be used to sense average currents in motor drives up
to 35 A and 35 hp. Table 1 shows the maximum current
and horsepower range for each of the LVR-series shunts
from Dale. Even higher currents can be sensed with lower
value shunts available from vendors such as Dale, IRC,
and Isotek (Isabellenhuette). When sensing currents large
enough to cause significant heating of the shunt, the tem-
perature coefficient of the shunt can introduce nonlinear-
ity due to the signal dependent temperature rise of the
shunt. Using a heat sink for the shunt or using a shunt with
a lower tempco can help minimize this effect. The Appli-
cation Note 1078, Designing with Avago Technologies
Isolation Amplifiers, contains additional information on
designing with current shunts.
The recommended method for connecting the isolation
amplifier to the shunt resistor is shown in Figure 24. Pin 2
(VIN+) is connected to the positive terminal of the shunt
resistor, while pin 3 (VIN–) is shorted to pin 4 (GND1), with
the power-supply return path functioning as the sense
line to the negative terminal of the current shunt. This
allows a single pair of wires or PC board traces to connect
the isolation amplifier circuit to the shunt resistor. In
some applications, however, supply currents flowing
through the power-supply return path may cause offset
or noise problems. In this case, better performance may
be obtained by connecting pin 3 to the negative terminal
of the shunt resistor separate from the power supply
return path. When connected this way, both input pins
should be bypassed. Whether two or three wires are used,
it is recommended that twisted-pair wire or very close PC
board traces be used to connect the current shunt to the
isolation amplifier circuit to minimize electromagnetic in-
terference to the sense signal.
The 68
 resistor in series with the input lead forms a
low-pass anti-aliasing filter with the input bypass capacitor
with a 200 kHz bandwidth. The resistor performs another
important function as well; it dampens any ringing which
might be present in the circuit formed by the shunt, the
input bypass capacitor, and the wires or traces connect-
ing the two. Undampened ringing of the input circuit near
the input sampling frequency can alias into the baseband
producing what might appear to be noise at the output
of the device. To be effective, the damping resistor should
be at least 39
.
PC Board Layout
In addition to affecting offset, the layout of the PC board
can also affect the common mode rejection (CMR) per-
formance of the isolation amplifier, due primarily to stray
capacitive coupling between the input and the output
circuits. To obtain optimal CMR performance, the layout
of the printed circuit board (PCB) should minimize any
stray coupling by maintaining the maximum possible
distance between the input and output sides of the circuit
and ensuring that any ground plane on the PCB does not
pass directly below the HCPL-7850. Using surface mount
components can help achieve many of the PCB objec-
tives discussed in the preceding paragraphs. An example
through-hole PCB layout illustrating some of the more
important layout recommendations is shown in Figures
26 and 27. See Applications Note 1078, Designing with
Avago Technologies Isolation Amplifiers, for more infor-
mation on PCB layout consideration.
Figure 28. Operating Circuit for Burn-In and Steady State Life Tests.
1
2
3
4
8
7
6
5
VDD
VIN+
VIN–
GND
VDD
VOUT+
VOUT–
GND
+
+
27
1 k
1 k
27
1 k
1 k
(+)
(–)
VDD
5.5 VDC
0.1 F
CONDITIONS: ICC = 17.5 mA
TA = +125° C


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com