Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 13 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 13 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Applications Information
Functional Description
Figure 23 shows the primary functional blocks of the
HCPL-7850. In operation, the sigma-delta modulator
converts the analog input signal into a high-speed serial
bit stream. The time average of this bit stream is directly
proportional to the input signal. This stream of digital
data is encoded and optically transmitted to the detector
circuit. The detected signal is decoded and converted
back into an analog signal, which is filtered to obtain the
final output signal.
Application Circuit
The recommended application circuit is shown in Figure
24. A floating power supply (which in many applica-
tions could be the same supply that is used to drive the
high-side power transistor) is regulated to 5 V using a
simple three-terminal voltage regulator (U1). The voltage
from the current sensing resistor, or shunt (Rsense), is
applied to the input of the HCPL-7850 through an RC
anti-aliasing filter (R5, C3). And finally, the differential
output of the isolation amplifier is converted to a ground-
referenced single-ended output voltage with a simple
differential amplifier circuit (U3 and associated com-
ponents). Although the application circuit is relatively
simple, a few recommendations should be followed to
ensure optimal performance.
Figure 25. Single-Supply Post-Amplifier Circuit.
Figure 26. Top Layer of Printed Circuit Board Layout.
Figure 27. Bottom Layer of a Printed Circuit Board Layout.
Supplies and Bypassing
As mentioned above, an inexpensive three-terminal
regulator can be used to reduce the gate-drive power
supply voltage to 5 V. To help attenuate high frequency
power supply noise or ripple, a resistor or inductor can
be used in series with the input of the regulator to form a
low-pass filter with the regulator’s input bypass capacitor.
As shown in Figure 24, a 0.1
F bypass capacitor (C2, C4)
should be located as close as possible to the input and
output power supply pins of the HCPL-7850. The bypass
capacitors are required because of the high-speed digital
nature of the signals inside the isolation amplifier. A 0.01
F bypass capacitor (C3) is also recommended at the
input pin(s) due to the switched-capacitor nature of the
input circuit. The input bypass capacitor should be at least
1000 pF to maintain gain accuracy of the isolation amplifier.
Inductive coupling between the input power-supply
capacitor and the input circuit, including the input
bypass capacitor and the input leads of the HCPL-7850,
can introduce additional DC offset in the circuit. Several
steps can be taken to minimize the mutual coupling
between the two parts of the circuit, thereby improving
the offset performance of the design. Separate the two
bypass capacitors C2 and C3 as much as possible (even
putting them on opposite sides of the PC board), while
keeping the total lead lengths, including traces, of each
bypass capacitor less than 20 mm. PC board traces should
be made as short as possible and placed close together
or over ground plane to minimize loop area and pickup
of stray magnetic fields. Avoid using sockets, as they will
typically increase both loop area and inductance. And
finally, using capacitors with small body size and orienting
them perpendicular to each other on the PC board can
also help. For more information concerning this effect, see
Application Note 1078, Designing with Avago Technolo-
gies Isolation Amplifiers.
0.1 F
+5 V
VOUT
8
7
6
1
3
U2
5
2
4
R1
10.0 K
+5 V
C8
0.1 F
+
MC34071
R3
10.0 K
HCPL-7850
C4
R4B
20.0 K
C6
150 pF
U3
R4A
20.0 K
+5 V
C5
150 pF
R2
10.0 K
C3
C2
C4
R5
TO RSENSE+
TO RSENSE–
TO VDD1
TO VDD2
VOUT+
VOUT–


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com