Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785E
Description  Hermetically Sealed Analog Isolation Amplifi er
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-785E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-785E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Figure 20. Amplitude Response vs. Frequency.
Figure 21. 3 dB Bandwidth vs. Temperature.
Figure 22. RMS Input-Referred Noise vs. Recommended Application Circuit
Bandwidth.
Figure 19. Propagation Delays and Rise/Fall Time vs. Temperature.
TA – TEMPERATURE – °C
10
2
7
8
4
3
6
9
5
-40
-20
80
60
40
-60
0
20
100
140
120
TA – TEMPERATURE – °C
-40
-20
80
60
40
-60
0
20
100
140
120
f – FREQUENCY – kHz
0
-4
-2
-1
-3
5
1
500
100
10
50
160
40
100
140
80
120
60
f – FREQUENCY – KHz
2.5
0
2.0
0.5
10
5
500
50
100
1.5
1.0
VDD1 = 5 V
VDD2 = 5 V
TA = 25° C
TA = 25° C
VDD1 = 5 V
VDD2 = 5 V
VIN+ = 200 mV
VIN+ = 100 mV
VIN+ = 0 mV
VDD1 = 5 V
VDD2 = 5 V
DELAY TO 90%
DELAY TO 50%
RISE/FALL TIME
VIN– = 0 V
VIN+ = 0 TO 100 mV STEP
VDD1 = 5 V
VDD2 = 5 V


Similar Part No. - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7840-300E AVAGO-HCPL-7840-300E Datasheet
151Kb / 19P
   Isolation Amplifi er
HCPL-7840-500E AVAGO-HCPL-7840-500E Datasheet
151Kb / 19P
   Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7850 HP-HCPL-7850 Datasheet
251Kb / 16P
   Hermetically Sealed Analog Isolation Amplifier
logo
Sanyo Semicon Device
MCH3914 SANYO-MCH3914 Datasheet
217Kb / 4P
   High-Frequency Amplifi er, Analog Switch Applications
logo
API Technologies Corp
BXHF1060 APITECH-BXHF1060 Datasheet
135Kb / 2P
   Microwave Amplifi er
BXHF1059 APITECH-BXHF1059 Datasheet
744Kb / 2P
   Microwave Amplifi er
BX7967 APITECH-BX7967 Datasheet
101Kb / 2P
   RF Amplifi er
BXHF1058 APITECH-BXHF1058 Datasheet
247Kb / 2P
   Microwave Amplifi er
BXHF1066 APITECH-BXHF1066 Datasheet
545Kb / 2P
   Microwave Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com